Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L002-2-516X Datasheet(PDF) 2 Page - Ensign Corporation

Part # L002-2-516X
Description  Commander Class
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENSIGN [Ensign Corporation]
Direct Link  http://www.ensigncorp.com
Logo ENSIGN - Ensign Corporation

L002-2-516X Datasheet(HTML) 2 Page - Ensign Corporation

  L002-2-516X Datasheet HTML 1Page - Ensign Corporation L002-2-516X Datasheet HTML 2Page - Ensign Corporation L002-2-516X Datasheet HTML 3Page - Ensign Corporation L002-2-516X Datasheet HTML 4Page - Ensign Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Part Number
115V
Primary
115/230V
Primary
Secondary
230V
Primary
L002-1-520X*
L002-2-520X*
20VCT @ 120mA
L002-3-520X*
L006-1-520X
L006-2-520X
20VCT @ 300mA
L006-3-520X
L012-1-520X
L012-2-520X
20VCT @ 600mA
L012-3-520X
L020-1-520X
L020-2-520X
20VCT @ 1.0A
L020-3-520X
L030-1-520X
L030-2-520X
20VCT @ 1.50A
L030-3-520X
L040-1-520X
L040-2-520X
20VCT @ 2.0A
L040-3-520X
L050-1-520X
L050-2-520X
20VCT @ 2.5A
L050-3-520X
L056-1-520X
L056-2-520X
20VCT @ 2.8A
L056-3-520X
L075-1-520X
L075-2-520X
20VCT @ 3.8A
L075-3-520X
L100-1-520X
L100-2-520X
20VCT @ 5.0A
L100-3-520X
L002-1-524X*
L002-2-524X*
24VCT @ 100mA
L002-3-524X*
L006-1-524X
L006-2-524X
24VCT @ 250mA
L006-3-524X
L012-1-524X
L012-2-524X
24VCT @ 500mA
L012-3-524X
L020-1-524X
L020-2-524X
24VCT @ 800mA
L020-3-524X
L030-1-524X
L030-2-524X
24VCT @ 1.25A
L030-3-524X
L040-1-524X
L040-2-524X
24VCT @ 1.6A
L040-3-524X
L050-1-524X
L050-2-524X
24VCT @ 2.0A
L050-3-524X
L056-1-524X
L056-2-524X
24VCT @ 2.3A
L056-3-524X
L075-1-524X
L075-2-524X
24VCT @ 3.1A
L075-3-524X
L100-1-524X
L100-2-524X
24VCT @ 4.0A
L100-3-524X
L002-1-528X
L002-2-528X
28VCT @ 85mA
L002-3-528X
L006-1-528X
L006-2-528X
28VCT @ 200mA
L006-3-528X
L012-1-528X
L012-2-528X
28VCT @ 420mA
L012-3-528X
L020-1-528X
L020-2-528X
28VCT @ 700mA
L020-3-528X
L030-1-528X
L030-2-528X
28VCT @ 1.0A
L030-3-528X
L040-1-528X
L040-2-528X
28VCT @ 1.4A
L040-3-528X
L050-1-528X
L050-2-528X
28VCT @ 1.8A
L050-3-528X
L056-1-528X
L056-2-528X
28VCT @ 2.0A
L056-3-528X
L075-1-528X
L075-2-528X
28VCT @ 2.7A
L075-3-528X
L100-1-528X
L100-2-528X
28VCT @ 3.6A
L100-3-528X
Partial Selection Guide (Standard Stock)
Part Number
115V
Primary
115/230V
Primary
Secondary
230V
Primary
L002-1-510X*
L002-2-510X*
10VCT @ 250mA
L002-3-510X*
L006-1-510X
L006-2-510X
10VCT @ 600mA
L006-3-510X
L012-1-510X
L012-2-510X
10VCT @ 1.2A
L012-3-510X
L020-1-510X
L020-2-510X
10VCT @ 2.0A
L020-3-510X
L030-1-510X
L030-2-510X
10VCT @ 3.0A
L030-3-510X
L040-1-510X
L040-2-510X
10VCT @ 4.0A
L040-3-510X
L050-1-510X
L050-2-510X
10VCT @ 5.0A
L050-3-510X
L056-1-510X
L056-2-510X
10VCT @ 5.6A
L056-3-510X
L075-1-510X
L075-2-510X
10VCT @ 7.5A
L075-3-510X
L100-1-510X
L100-2-510X
10VCT @ 10A
L100-3-510X
L002-1-512X*
L002-2-512X*
12.6VCT @ 200mA
L002-3-512X*
L006-1-512X
L006-2-512X
12.6VCT @ 500mA
L006-3-512X
L012-1-512X
L012-2-512X
12.6VCT @ 1.0A
L012-3-512X
L020-1-512X
L020-2-512X
12.6VCT @ 1.6A
L020-3-512X
L030-1-512X
L030-2-512X
12.6VCT @ 2.5A
L030-3-512X
L040-1-512X
L040-2-512X
12.6VCT @ 3.2A
L040-3-512X
L050-1-512X
L050-2-512X
12.6VCT @ 4.0A
L050-3-512X
L056-1-512X
L056-2-512X
12.6VCT @ 4.4A
L056-3-512X
L075-1-512X
L075-2-512X
12.6VCT @ 6.0A
L075-3-512X
L100-1-512X
L100-2-512X
12.6VCT @ 8.0A
L100-3-512X
L002-1-516X*
L002-2-516X*
16VCT @ 150mA
L002-3-516X*
L006-1-516X
L006-2-516X
16VCT @ 400mA
L006-3-516X
L012-1-516X
L012-2-516X
16VCT @ 800mA
L012-3-516X
L020-1-516X
L020-2-516X
16VCT @ 1.25A
L020-3-516X
L030-1-516X
L030-2-516X
16VCT @ 2.0A
L030-3-516X
L040-1-516X
L040-2-516X
16VCT @ 2.5A
L040-3-516X
L050-1-516X
L050-2-516X
16VCT @ 3.2A
L050-3-516X
L056-1-516X
L056-2-516X
16VCT @ 3.5A
L056-3-516X
L075-1-516X
L075-2-516X
16VCT @ 5.0A
L075-3-516X
L100-1-516X
L100-2-516X
16VCT @ 6.25A
L100-3-516X
Sales Office :
300 W Factory Rd., Addison, IL 60101 • Ph: (630) 628-9999 • Fax: (630) 628-9922 • www.ensigncorp.com
19
Take advantage of these pre-designed models, or let us customize to your requirements. That’s our specialty.
Models marked with * are also UL 5085-3 Class 2 recognized (see Page 22)
Commander Class


Similar Part No. - L002-2-516X

ManufacturerPart #DatasheetDescription
logo
Ensign Corporation
L002-2-710X ENSIGN-L002-2-710X Datasheet
333Kb / 1P
   Commander Class
L002-2-710X ENSIGN-L002-2-710X Datasheet
502Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
L002-2-712X ENSIGN-L002-2-712X Datasheet
333Kb / 1P
   Commander Class
L002-2-712X ENSIGN-L002-2-712X Datasheet
502Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
L002-2-716X ENSIGN-L002-2-716X Datasheet
333Kb / 1P
   Commander Class
More results

Similar Description - L002-2-516X

ManufacturerPart #DatasheetDescription
logo
Ensign Corporation
L002 ENSIGN-L002 Datasheet
333Kb / 1P
   Commander Class
L100-1-510X ENSIGN-L100-1-510X Datasheet
502Kb / 1P
   POWER TRANSFORMER COMMANDER CLASS
L075-1-510X ENSIGN-L075-1-510X Datasheet
504Kb / 1P
   POWER TRANSFORMER COMMANDER CLASS
L050-1-510X ENSIGN-L050-1-510X Datasheet
499Kb / 1P
   POWER TRANSFORMER COMMANDER CLASS
L030-1-510X ENSIGN-L030-1-510X Datasheet
502Kb / 1P
   POWER TRANSFORMER COMMANDER CLASS
L040-1-510X ENSIGN-L040-1-510X Datasheet
503Kb / 1P
   POWER TRANSFORMER COMMANDER CLASS
L056-1-510X ENSIGN-L056-1-510X Datasheet
499Kb / 1P
   POWER TRANSFORMER COMMANDER CLASS
logo
NXP Semiconductors
SJA1124 NXP-SJA1124_V01 Datasheet
629Kb / 54P
   Quad LIN commander transceiver with LIN commander controller
Rev. 2 - 26 August 2022
logo
New Japan Radio
NJU6014 NJRC-NJU6014 Datasheet
363Kb / 11P
   REMOTE CONTROL COMMANDER IC
logo
Ensign Corporation
P001 ENSIGN-P001 Datasheet
299Kb / 1P
   Captain Class
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com