Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSX-20-16 Datasheet(PDF) 1 Page - Wabash Transformer Inc.

Part # PSX-20-16
Description  Split Bobbin Power Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WABASH [Wabash Transformer Inc.]
Direct Link  http://www.wabashtransformer.com
Logo WABASH - Wabash Transformer Inc.

PSX-20-16 Datasheet(HTML) 1 Page - Wabash Transformer Inc.

  PSX-20-16 Datasheet HTML 1Page - Wabash Transformer Inc. PSX-20-16 Datasheet HTML 2Page - Wabash Transformer Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sales Office:
48
300 W Factory Road, Addison IL 60101 • Phone: (630) 628-9999 • Fax: (630) 628-9922 • www.wabashtransformer.com
Split Bobbin Power Transformer
Series: PSX & PDX - Printed Circuit Mount, Horizontal
12 Pins
Power Rating 1.2VA to 30VA
Single or Dual Primary, 115V or 115/230V
Frequency 50/60HZ
Series or Parallel Secondary
Dielectric Strength – 1500 Vrms
Insulation Class B (130°C)
Agency Approvals:
UL/cUL 5085-2 Recognized (File E47299)
Insulation File No. E95662
VA
Rating
Dimensions (Inches)
Mounting Dimension
Wgt. lbs
L
W
H
A
B
C
D
K
M
N
P
1.2
1.38
1.12
1.13
0.150
0.200
0.860
0.172
-
1.000
-
-
0.165
2.4
1.38
1.12
1.13
0.150
0.200
0.860
0.172
-
1.000
-
-
0.230
5
1.63
1.31
1.13
0.200
0.250
0.950
0.188
-
1.060
-
-
0.310
10
1.88
1.56
1.26
0.200
0.300
1.100
0.188
-
1.250
-
-
0.520
20
2.25
1.87
1.41
0.200
0.300
1.300
0.140
0.219 X 0.09*
1.687
1.50
1.87
0.780
30
2.25
1.87
1.79
0.200
0.300
1.300
0.140
0.219 X 0.09*
1.687
1.50
1.87
1.150
Single Primary
Dual Primary
● Indicates Like Polarity
Any application, Any requirement, Contact us for our Custom Designs
* = Slots
Primaries and Secondaries are designed to be used
simultaneously. That is, they must be used either series or parallel
connected (as one winding). Same applies to secondaries also.


Similar Part No. - PSX-20-16

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PSX LITTELFUSE-PSX Datasheet
815Kb / 10P
   PSX SERIES HIGH-SPEED SQUARE BODY
Rev: 041122
PSX1XLDB0080X LITTELFUSE-PSX1XLDB0080X Datasheet
815Kb / 10P
   PSX SERIES HIGH-SPEED SQUARE BODY
Rev: 041122
PSX1XLDB0100X LITTELFUSE-PSX1XLDB0100X Datasheet
815Kb / 10P
   PSX SERIES HIGH-SPEED SQUARE BODY
Rev: 041122
PSX1XLDB0125X LITTELFUSE-PSX1XLDB0125X Datasheet
815Kb / 10P
   PSX SERIES HIGH-SPEED SQUARE BODY
Rev: 041122
PSX1XLDB0160X LITTELFUSE-PSX1XLDB0160X Datasheet
815Kb / 10P
   PSX SERIES HIGH-SPEED SQUARE BODY
Rev: 041122
More results

Similar Description - PSX-20-16

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
PSH-11-10 WABASH-PSH-11-10 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
logo
DB Lectro Inc
TL88-025-10 DBLECTRO-TL88-025-10 Datasheet
189Kb / 2P
   SPLIT-BOBBIN TRANSFORMER
logo
Wabash Transformer Inc.
P24H-11-24 WABASH-P24H-11-24 Datasheet
512Kb / 1P
   Split Bobbin Isolation Transformer
P24X-24-24 WABASH-P24X-24-24 Datasheet
535Kb / 1P
   Split Bobbin Isolation Transformer
logo
PowerVolt Inc.
DSZ3-24 POWERVOLT-DSZ3-24 Datasheet
104Kb / 1P
   Split Bobbin Printed Circuit Power Transformer
logo
Premier Magnetics, Inc.
PSB-101 PMI-PSB-101 Datasheet
71Kb / 2P
   SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
PVD-102 PMI-PVD-102 Datasheet
69Kb / 2P
   SHROUDED SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
logo
DB Lectro Inc
TL66-2F-10 DBLECTRO-TL66-2F-10 Datasheet
200Kb / 2P
   TWIN-BOBBIN TRANSFORMER
logo
Bel Fuse Inc.
241-3-10 BEL-241-3-10 Datasheet
999Kb / 3P
   Split Bobbin Construction Providing Superior Isolation
241-L BEL-241-L Datasheet
933Kb / 3P
   Split Bobbin Construction Providing Superior Isolation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com