Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSL-10-10 Datasheet(PDF) 3 Page - Wabash Transformer Inc.

Part # PSL-10-10
Description  The Compact Power Transformer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WABASH [Wabash Transformer Inc.]
Direct Link  http://www.wabashtransformer.com
Logo WABASH - Wabash Transformer Inc.

PSL-10-10 Datasheet(HTML) 3 Page - Wabash Transformer Inc.

  PSL-10-10 Datasheet HTML 1Page - Wabash Transformer Inc. PSL-10-10 Datasheet HTML 2Page - Wabash Transformer Inc. PSL-10-10 Datasheet HTML 3Page - Wabash Transformer Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The Compact Power Transformer
Series: PSL & PDL - Chassis Mount with Lead Wires
VA
Part Number
Secondary
115V
115/230V
30
PSL-30-10
PDL-30-10
10VCT @ 3.0A
PSL-30-12
PDL-30-12
12VCT @ 2.50A
PSL-30-16
PDL-30-16
16VCT @ 1.875A
PSL-30-20
PDL-30-20
20VCT @ 1.50A
PSL-30-24
PDL-30-24
24VCT @ 1.25A
PSL-30-28
PDL-30-28
28VCT @ 1.071A
PSL-30-36
PDL-30-36
36VCT @ 833mA
PSL-30-48
PDL-30-48
48VCT @ 625mA
PSL-30-56
PDL-30-56
56VCT @ 536mA
PSL-30-120
PDL-30-120
120VCT @ 250mA
40
PSL-40-10
PDL-40-10
10VCT @ 4.0A
PSL-40-12
PDL-40-12
12VCT @ 3.33A
PSL-40-16
PDL-40-16
16VCT @ 2.50A
PSL-40-20
PDL-40-20
20VCT @ 2.0A
PSL-40-24
PDL-40-24
24VCT @ 1.67A
PSL-40-28
PDL-40-28
28VCT @ 1.43A
PSL-40-36
PDL-40-36
36VCT @ 1.11A
PSL-40-48
PDL-40-48
48VCT @ 834mA
PSL-40-56
PDL-40-56
56VCT @ 714mA
PSL-40-120
PDL-40-120
120VCT @ 334mA
50
PSL-50-10
PDL-50-10
10VCT @ 5.0A
PSL-50-12
PDL-50-12
12VCT @ 4.17A
PSL-50-16
PDL-50-16
16VCT @ 3.125A
PSL-50-20
PDL-50-20
20VCT @ 2.5A
PSL-50-24
PDL-50-24
24VCT @ 2.08A
PSL-50-28
PDL-50-28
28VCT @ 1.78A
PSL-50-36
PDL-50-36
36VCT @ 1.39A
PSL-50-48
PDL-50-48
48VCT @ 1.042A
PSL-50-56
PDL-50-56
56VCT @ 893mA
PSL-50-120
PDL-50-120
120VCT @ 417mA
56
PSL-56-10
PDL-56-10
10VCT @ 5.6A
PSL-56-12
PDL-56-12
12VCT @ 4.66A
PSL-56-16
PDL-56-16
16VCT @ 3.15A
PSL-56-20
PDL-56-20
20VCT @ 2.80A
PSL-56-24
PDL-56-24
24VCT @ 2.33A
PSL-56-28
PDL-56-28
28VCT @ 2.00A
PSL-56-36
PDL-56-36
36VCT @ 1.56A
PSL-56-48
PDL-56-48
48VCT @ 1.17A
PSL-56-56
PDL-56-56
56VCT @ 1.0A
PSL-56-120
PDL-56-120
120VCT @ 47mA
Partial Selection Guide (Continued)
Sales Office:
62
300 W Factory Road, Addison IL 60101 • Phone: (630) 628-9999 • Fax: (630) 628-9922 • www.wabashtransformer.com
VA
Part Number
Secondary
115V
115/230V
75
PSL-75-10
PDL-75-10
10VCT @ 7.50A
PSL-75-12
PDL-75-12
12VCT @ 6.25A
PSL-75-16
PDL-75-16
16VCT @ 4.69A
PSL-75-20
PDL-75-20
20VCT @ 3.75A
PSL-75-24
PDL-75-24
24VCT @ 3.125A
PSL-75-28
PDL-75-28
28VCT @ 2.68A
PSL-75-36
PDL-75-36
36VCT @ 2.08A
PSL-75-48
PDL-75-48
48VCT @ 1.56A
PSL-75-56
PDL-75-56
56VCT @ 1.34A
PSL-75-120
PDL-75-120
120VCT @ 625mA
80
PSL-80-10
PDL-80-10
10VCT @ 8.0A
PSL-80-12
PDL-80-12
12VCT @ 6.66A
PSL-80-16
PDL-80-16
16VCT @ 5.00A
PSL-80-20
PDL-80-20
20VCT @ 4.00A
PSL-80-24
PDL-80-24
24VCT @ 3.33A
PSL-80-28
PDL-80-28
28VCT @ 2.86A
PSL-80-36
PDL-80-36
36VCT @ 2.22A
PSL-80-48
PDL-80-48
48VCT @ 1.67A
PSL-80-56
PDL-80-56
56VCT @ 1.43A
PSL-80-120
PDL-80-120
120VCT @ 67mA
100
PSL-100-10
PDL-100-10
10VCT @ 10A
PSL-100-12
PDL-100-12
12VCT @ 8.33A
PSL-100-16
PDL-100-16
16VCT @ 6.25A
PSL-100-20
PDL-100-20
20VCT @ 5.0A
PSL-100-24
PDL-100-24
24VCT @ 4.17A
PSL-100-28
PDL-100-28
28VCT @ 3.57A
PSL-100-36
PDL-100-36
36VCT @ 2.78A
PSL-100-48
PDL-100-48
48VCT @ 2.08A
PSL-100-56
PDL-100-56
56VCT @ 1.79A
PSL-100-120
PDL-100-120
120VCT @ 833mA
Any application, Any requirement, Contact us for our Custom Designs


Similar Part No. - PSL-10-10

ManufacturerPart #DatasheetDescription
logo
Power Sonic Corporation
PSL-12200 POWER-SONIC-PSL-12200 Datasheet
3Mb / 2P
   Rechargeable Lithium Iron Phosphate Battery
PSL-12450E POWER-SONIC-PSL-12450E Datasheet
3Mb / 2P
   Rechargeable Lithium Iron Phosphate Battery
PSL-12500 POWER-SONIC-PSL-12500 Datasheet
2Mb / 2P
   Rechargeable Lithium Battery
More results

Similar Description - PSL-10-10

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
PST-24-10 WABASH-PST-24-10 Datasheet
625Kb / 2P
   The Compact Power Transformer
P24T-24-24 WABASH-P24T-24-24 Datasheet
511Kb / 1P
   The Compact Isolation Transformer
P24L-24-24 WABASH-P24L-24-24 Datasheet
440Kb / 1P
   The Compact Isolation Transformer
logo
List of Unclassifed Man...
PSR9-600-70 ETC2-PSR9-600-70 Datasheet
1Mb / 6P
   PSR - The compact range
logo
Communications & Power ...
3CPX800A7 CPI-3CPX800A7 Datasheet
104Kb / 1P
   The 3CPX800A7 is a compact high-mu power
logo
NXP Semiconductors
MKW2XDXXX NXP-MKW2XDXXX Datasheet
899Kb / 78P
   The MKW2xD is a low power, compact integrated device
Rev. 2, 05/2016
logo
NEC
R120F-2M NEC-R120F-2M Datasheet
659Kb / 2P
   The scalable compact rack server
E120G-M NEC-E120G-M Datasheet
1,008Kb / 2P
   The flexible, compact rack server
R120F-2E NEC-R120F-2E Datasheet
634Kb / 2P
   The flexible, compact rack server
R120B-2 NEC-R120B-2 Datasheet
940Kb / 2P
   The scalable compact rack server
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com