Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSB2121-T Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # PSB2121-T
Description  General-Purpose Power Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PSB2121-T Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button PSB2121-T Datasheet HTML 5Page - Siemens Semiconductor Group PSB2121-T Datasheet HTML 6Page - Siemens Semiconductor Group PSB2121-T Datasheet HTML 7Page - Siemens Semiconductor Group PSB2121-T Datasheet HTML 8Page - Siemens Semiconductor Group PSB2121-T Datasheet HTML 9Page - Siemens Semiconductor Group PSB2121-T Datasheet HTML 10Page - Siemens Semiconductor Group PSB2121-T Datasheet HTML 11Page - Siemens Semiconductor Group PSB2121-T Datasheet HTML 12Page - Siemens Semiconductor Group PSB2121-T Datasheet HTML 13Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Semiconductor Group
9
PSB 2121
At the beginning of the discharge period a positive synchronization pulse is generated at pin SYNC.
Otherwise the PSB 2121 can be synchronized via pin SYNC to an external logic clock by
programming the oscillator to free run at a frequency 10 % lower than the synchronization
frequency. The PSB 2121 is synchronized by the rising edge of the sync. signal. So multiple devices
can be synchronized together by programming one master unit for the desired frequency.
Notice that the frequency of the output driver is half the oscillator frequency. The switching
frequency as a function of
R
T and CT with RD = 0 is shown in figure 3.
Figure 3
Switching Frequency
Soft Start Circuit
The soft start circuit protects the power transistors and rectifier diodes from high current surges
during power supply turn-on. When the supply voltage is connected to the PSB 2121 the
undervoltage lockout circuit holds the soft start capacitor voltage at zero. When the supply voltage
reaches normal operating range an internal 4
µA current source will charge the external soft start
capacitor. As the soft start voltage ramps up to + 5 volts, the duty cycle of the PWM linearly
increases to whatever value the regulation loop requires.


Similar Part No. - PSB2121-T

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB2120 SIEMENS-PSB2120 Datasheet
292Kb / 20P
   ISDN Remote Power Controller
PSB2120-P SIEMENS-PSB2120-P Datasheet
292Kb / 20P
   ISDN Remote Power Controller
PSB2120-T SIEMENS-PSB2120-T Datasheet
292Kb / 20P
   ISDN Remote Power Controller
More results

Similar Description - PSB2121-T

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7612 HOLTEK-HT7612_10 Datasheet
257Kb / 18P
   General Purpose PIR Controller
HT7612 HOLTEK-HT7612 Datasheet
276Kb / 18P
   General Purpose PIR Controller
HT761X HOLTEK-HT761X Datasheet
164Kb / 11P
   General Purpose PIR Controller
HT7612 HOLTEK-HT7612_11 Datasheet
298Kb / 20P
   General Purpose PIR Controller
HT761X HOLTEK-HT761X_09 Datasheet
154Kb / 12P
   General Purpose PIR Controller
logo
List of Unclassifed Man...
GPC150 ETC-GPC150 Datasheet
1Mb / 103P
   General Purpose Controller Z84C15
logo
Holtek Semiconductor In...
HT7610A HOLTEK-HT7610A_13 Datasheet
181Kb / 13P
   General Purpose PIR Controller
HT7612 HOLTEK-HT7612_12 Datasheet
3Mb / 23P
   General Purpose PIR Controller
logo
Linear Technology
LT1725 LINER-LT1725_15 Datasheet
264Kb / 28P
   General Purpose Isolated Flyback Controller
LT1725 LINER-LT1725 Datasheet
189Kb / 28P
   General Purpose Isolated Flyback Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com