Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDL-06-28 Datasheet(PDF) 2 Page - Wabash Transformer Inc.

Part # PDL-06-28
Description  The Compact Power Transformer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WABASH [Wabash Transformer Inc.]
Direct Link  http://www.wabashtransformer.com
Logo WABASH - Wabash Transformer Inc.

PDL-06-28 Datasheet(HTML) 2 Page - Wabash Transformer Inc.

  PDL-06-28 Datasheet HTML 1Page - Wabash Transformer Inc. PDL-06-28 Datasheet HTML 2Page - Wabash Transformer Inc. PDL-06-28 Datasheet HTML 3Page - Wabash Transformer Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The Compact Power Transformer
Series: PSL & PDL - Chassis Mount with Lead Wires
VA
Part Number
Secondary
115V
115/230V
1.2
PSL-012-10
PDL-012-10
10VCT @ 120mA
PSL-012-126
PDL-012-126
12.6VCT @ 95mA
PSL-012-16
PDL-012-16
16VCT @ 75mA
PSL-012-20
PDL-012-20
20VCT @ 60mA
PSL-012-24
PDL-012-24
24VCT @ 50mA
PSL-012-28
PDL-012-28
28VCT @ 43mA
PSL-012-36
PDL-012-36
36VCT @ 33mA
PSL-012-48
PDL-012-48
48VCT @ 25mA
PSL-012-56
PDL-012-56
56VCT @ 21mA
PSL-012-120
PDL-012-120
120VCT @ 10mA
2.4
PSL-24-10
PDL-24-10
10VCT @ 240mA
PSL-24-126
PDL-24-126
12.6VCT @ 190mA
PSL-24-16
PDL-24-16
16VCT @ 150mA
PSL-24-20
PDL-24-20
20VCT @ 120mA
PSL-24-24
PDL-24-24
24VCT @ 100mA
PSL-24-28
PDL-24-28
28VCT @ 85mA
PSL-24-36
PDL-24-36
36VCT @ 66mA
PSL-24-48
PDL-24-48
48VCT @ 50mA
PSL-24-56
PDL-24-56
56VCT @ 43mA
PSL-24-120
PDL-24-120
120VCT @ 20mA
5
PSL-05-10
PDL-05-10
10VCT @ 500mA
PSL-05-126
PDL-05-126
12.6VCT @ 397mA
PSL-05-16
PDL-05-16
16VCT @ 312mA
PSL-05-20
PDL-05-20
20VCT @ 250mA
PSL-05-24
PDL-05-24
24VCT @ 208mA
PSL-05-28
PDL-05-28
28VCT @ 178mA
PSL-05-36
PDL-05-36
36VCT @ 138mA
PSL-05-48
PDL-05-48
48VCT @ 104mA
PSL-05-56
PDL-05-56
56VCT @ 89mA
PSL-05-120
PDL-05-120
120VCT @ 42mA
6
PSL-06-10
PDL-06-10
10VCT @ 600mA
PSL-06-126
PDL-06-126
12.6VCT @ 476mA
PSL-06-16
PDL-06-16
16VCT @ 375mA
PSL-06-20
PDL-06-20
20VCT @ 300mA
PSL-06-24
PDL-06-24
24VCT @ 250mA
PSL-06-28
PDL-06-28
28VCT @ 214mA
PSL-06-36
PDL-06-36
36VCT @ 167mA
PSL-06-48
PDL-06-48
48VCT @ 125mA
PSL-06-56
PDL-06-56
56VCT @ 107mA
PSL-06-120
PDL-06-120
120VCT @ 50mA
Partial Selection Guide
Sales Office:
300 W Factory Road, Addison IL 60101 • Phone: (630) 628-9999 • Fax: (630) 628-9922 • www.wabashtransformer.com
61
VA
Part Number
Secondary
115V
115/230V
10
PSL-10-10
PDL-10-10
10VCT @ 1.00A
PSL-10-126
PDL-10-126
12.6VCT @ 794mA
PSL-10-16
PDL-10-16
16VCT @ 625mA
PSL-10-20
PDL-10-20
20VCT @ 500mA
PSL-10-24
PDL-10-24
24VCT @ 417mA
PSL-10-28
PDL-10-28
28VCT @ 357mA
PSL-10-36
PDL-10-36
36VCT @ 278mA
PSL-10-48
PDL-10-48
48VCT @ 208mA
PSL-10-56
PDL-10-56
56VCT @ 180mA
PSL-10-120
PDL-10-120
120VCT @ 83mA
12
PSL-12-10
PDL-12-10
10VCT @ 1.2A
PSL-12-126
PDL-12-126
12.6VCT @ 950mA
PSL-12-16
PDL-12-16
16VCT @ 750mA
PSL-12-20
PDL-12-20
20VCT @ 600mA
PSL-12-24
PDL-12-24
24VCT @ 500mA
PSL-12-28
PDL-12-28
28VCT @ 428mA
PSL-12-36
PDL-12-36
36VCT @ 330mA
PSL-12-48
PDL-12-48
48VCT @ 250mA
PSL-12-56
PDL-12-56
56VCT @ 214mA
PSL-12-120
PDL-12-120
120VCT @ 100mA
15
PSL-15-10
PDL-15-10
10VCT @ 1.5A
PSL-15-126
PDL-15-126
12.6VCT @ 1.19A
PSL-15-16
PDL-15-16
16VCT @ 940mA
PSL-15-20
PDL-15-20
20VCT @ 750mA
PSL-15-24
PDL-15-24
24VCT @ 625mA
PSL-15-28
PDL-15-28
28VCT @ 536mA
PSL-15-36
PDL-15-36
36VCT @ 417mA
PSL-15-48
PDL-15-48
48VCT @ 312mA
PSL-15-56
PDL-15-56
56VCT @ 268mA
PSL-15-120
PDL-15-120
120VCT @ 125mA
20
PSL-20-10
PDL-20-10
10VCT @ 2.0A
PSL-20-126
PDL-20-126
12.6VCT @ 1.58A
PSL-20-16
PDL-20-16
16VCT @ 1.25A
PSL-20-20
PDL-20-20
20VCT @ 1.0A
PSL-20-24
PDL-20-24
24VCT @ 834mA
PSL-20-28
PDL-20-28
28VCT @ 714mA
PSL-20-36
PDL-20-36
36VCT @ 555mA
PSL-20-48
PDL-20-48
48VCT @ 417mA
PSL-20-56
PDL-20-56
56VCT @ 357mA
PSL-20-120
PDL-20-120
120VCT @ 167mA
Any application, Any requirement, Contact us for our Custom Designs


Similar Part No. - PDL-06-28

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PDL-12 PANDUIT-PDL-12 Datasheet
74Kb / 1P
   Your search criteria matched only one product, shown below
PDL-2 PANDUIT-PDL-2 Datasheet
77Kb / 2P
   Your search criteria matched only one product, shown below
PDL-4 PANDUIT-PDL-4 Datasheet
74Kb / 1P
   Your search criteria matched only one product, shown below
PDL-49-10 PANDUIT-PDL-49-10 Datasheet
70Kb / 1P
   building a smarter, unified business foundation
More results

Similar Description - PDL-06-28

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
PST-24-10 WABASH-PST-24-10 Datasheet
625Kb / 2P
   The Compact Power Transformer
P24T-24-24 WABASH-P24T-24-24 Datasheet
511Kb / 1P
   The Compact Isolation Transformer
P24L-24-24 WABASH-P24L-24-24 Datasheet
440Kb / 1P
   The Compact Isolation Transformer
logo
List of Unclassifed Man...
PSR9-600-70 ETC2-PSR9-600-70 Datasheet
1Mb / 6P
   PSR - The compact range
logo
Communications & Power ...
3CPX800A7 CPI-3CPX800A7 Datasheet
104Kb / 1P
   The 3CPX800A7 is a compact high-mu power
logo
NXP Semiconductors
MKW2XDXXX NXP-MKW2XDXXX Datasheet
899Kb / 78P
   The MKW2xD is a low power, compact integrated device
Rev. 2, 05/2016
logo
NEC
R120F-2M NEC-R120F-2M Datasheet
659Kb / 2P
   The scalable compact rack server
E120G-M NEC-E120G-M Datasheet
1,008Kb / 2P
   The flexible, compact rack server
R120F-2E NEC-R120F-2E Datasheet
634Kb / 2P
   The flexible, compact rack server
R120B-2 NEC-R120B-2 Datasheet
940Kb / 2P
   The scalable compact rack server
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com