Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q-67106-H6514 Datasheet(PDF) 20 Page - Siemens Semiconductor Group

Part # Q-67106-H6514
Description  PLL-Frequency Synthesizer PMB2306R/PMB2306T Version 2.2
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q-67106-H6514 Datasheet(HTML) 20 Page - Siemens Semiconductor Group

Back Button Q-67106-H6514 Datasheet HTML 16Page - Siemens Semiconductor Group Q-67106-H6514 Datasheet HTML 17Page - Siemens Semiconductor Group Q-67106-H6514 Datasheet HTML 18Page - Siemens Semiconductor Group Q-67106-H6514 Datasheet HTML 19Page - Siemens Semiconductor Group Q-67106-H6514 Datasheet HTML 20Page - Siemens Semiconductor Group Q-67106-H6514 Datasheet HTML 21Page - Siemens Semiconductor Group Q-67106-H6514 Datasheet HTML 22Page - Siemens Semiconductor Group Q-67106-H6514 Datasheet HTML 23Page - Siemens Semiconductor Group Q-67106-H6514 Datasheet HTML 24Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
30%530%7
(OHFWULFDO&KDUDFWHULVWLFV
Semiconductor Group
20
02.97
,QSXW6LJQDO), VLQJOH/)PRGH
Input voltage
Input voltage
Slew rate
Input capacity
H-input current
L-input current
9
I
9
I
&
I
,
H
,
L
100
100
2.5
–30
3
30
mVrms
mVrms
V/
µs
pF
µA
µA
I = 4 … 90 MHz, 9
DD = 4.5 V
I = 4 … 35 MHz, 9
DD = 3.3 V
9
DD = 3.3 … 5.5 V
9
I =
9
DD = 5.5 V
9
I = GND
2XWSXW &XUUHQW ,3'
Current mode
“0.175 mA”
“0.25 mA”
“0.35 mA”
“0.5 mA”
“0.7 mA”
“1.0 mA”
“1.4 mA”
“2.0 mA”
“Standby”
* guaranteed by
design
,
PROG
,
PROG
,
PROG
,
PROG
,
PROG
,
PROG
,
PROG
,
PROG
/
,
PD /
– 20 %
– 20 %
– 20 %
– 20 %
– 20 %
– 10 %
– 10 %
– 10 %
0.1*
+ 20 %
+ 20 %
+ 20 %
+ 20 %
+ 20 %
+ 10 %
+ 10 %
+ 10 %
50
mA
mA
mA
mA
mA
mA
mA
mA
nA
9
DD = 4.5 … 5.5 V
9
PD =
9
DD/2
,
REF = 100 µA
9
DD = 5.5 V
2XWSXW 7ROHUDQFHV ,3'
,
PD /
,
PROG
,
PD /
,
PROG
–20 %
±4%
+3 %
9
PD =
9
DD/2,
9
DD = 3.3 V
9
PD = 1… 4V,
9
DD = 5 V
,QSXW9ROWDJH0)2 LQWHUQDOFKDUJHSXPSPRGH
Reference voltage
9
REF
0.9
1.1
1.3
V
9
DD = 4.5 … 5.5 V,
,
REF = 100 µA
3DUDPHWHU
6\PERO
/LPLW 9DOXHV
8QLW
7HVW &RQGLWLRQ
PLQ
W\S PD[


Similar Part No. - Q-67106-H6514

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
Q-60 TOTAL-POWER-Q-60 Datasheet
405Kb / 2P
   60W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
Q-60 MEANWELL-Q-60 Datasheet
411Kb / 2P
   60W Quad Output Switching Power Supply
logo
RSG Electronic Componen...
Q-60 RSG-Q-60 Datasheet
172Kb / 2P
   60W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
Q-60 MEANWELL-Q-60 Datasheet
413Kb / 2P
   60W Quad Output Switching Power Supply
logo
Total Power Internation...
Q-60B TOTAL-POWER-Q-60B Datasheet
405Kb / 2P
   60W Quad Output Switching Power Supply
More results

Similar Description - Q-67106-H6514

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
logo
Infineon Technologies A...
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
   PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106_08 Datasheet
151Kb / 8P
   PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com