Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67106-H6423 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # Q67106-H6423
Description  PLL-Frequency Synthesizer PMB2306R/PMB2306T Version 2.2
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67106-H6423 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  Q67106-H6423 Datasheet HTML 1Page - Siemens Semiconductor Group Q67106-H6423 Datasheet HTML 2Page - Siemens Semiconductor Group Q67106-H6423 Datasheet HTML 3Page - Siemens Semiconductor Group Q67106-H6423 Datasheet HTML 4Page - Siemens Semiconductor Group Q67106-H6423 Datasheet HTML 5Page - Siemens Semiconductor Group Q67106-H6423 Datasheet HTML 6Page - Siemens Semiconductor Group Q67106-H6423 Datasheet HTML 7Page - Siemens Semiconductor Group Q67106-H6423 Datasheet HTML 8Page - Siemens Semiconductor Group Q67106-H6423 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
30% 5
376623
3'62
30%7
Semiconductor Group
4
02.97
3//)UHTXHQF\ 6\QWKHVL]HU
30%530%7
9HUVLRQ
%LSRODU ,&
The PMB 2306T PLL is a high speed CMOS IC, especially designed for use in battery powered
radio equipment and mobile telephones. The primary applications will be in digital systems e.g.
GSM, PCN, ADC, JDC and DECT systems. The wide range of dividing ratios also allows application
in modern analog systems
7\SH
9HUVLRQ
2UGHULQJ &RGH
3DFNDJH
PMB 2306T
V2.2
Q67100-H6423
P-DSO-14 (SMD)
PMB 2306T
V2.2
Q67106-H6423
P-DSO-14 (SMD, Tape & Reel)
PMB 2306R
V2.2
Q-67106-H6514 (T&R)
P-TSSOP-16 (SMD, T&R)
• Serial control (3-wire bus: data, clock, enable) for fast programming (
I
max
~ 10 MHz)
• Switchable polarity and phase detector current programmable
• 2 Multifunction outputs
• Digital phase detector output signals (e.g. for external charge pump)
I
rn,
I
vn outputs of the R and N scalers
• Port 1 output (e.g. for standby of the prescaler)
• External current setting for PD output
• Lock detect output with gated anti-backlash pulse (quasi digital lock detect)

2YHUYLHZ

)HDWXUHV
• Low operating current consumption
(typically 3.5 mA)
• High input sensitivity, high input frequencies
(220 MHz)
• Extremely fast phase detector without dead zone
• Linearization of the phase detector output by current
sources
• Synchronous programming of the counters
(n-, n/a-, r-counters) and system parameters
• Fast modulus switchover for 65-MHz operation
• Switchable modulus trigger edge
• Large dividing ratios for small channel spacing
A scaler 0 to 127
N scaler 3 to 16.380
R scaler 3 to 65.535


Similar Part No. - Q67106-H6423

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67106-H5157 SIEMENS-Q67106-H5157 Datasheet
479Kb / 26P
   Expanded Decoder for Program Delivery Control and Video Program System EPDC / VPS Decoder
Q67106-H5163 SIEMENS-Q67106-H5163 Datasheet
747Kb / 41P
   VPS / PDC-plus Decoder
Q67106-H5183 SIEMENS-Q67106-H5183 Datasheet
684Kb / 27P
   VPS-Decoder
More results

Similar Description - Q67106-H6423

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
logo
Infineon Technologies A...
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
   PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106_08 Datasheet
151Kb / 8P
   PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com