Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VDE1-025P-10 Datasheet(PDF) 1 Page - Wabash Transformer Inc.

Part # VDE1-025P-10
Description  International Power Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WABASH [Wabash Transformer Inc.]
Direct Link  http://www.wabashtransformer.com
Logo WABASH - Wabash Transformer Inc.

VDE1-025P-10 Datasheet(HTML) 1 Page - Wabash Transformer Inc.

  VDE1-025P-10 Datasheet HTML 1Page - Wabash Transformer Inc. VDE1-025P-10 Datasheet HTML 2Page - Wabash Transformer Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VA
Rating
Dimensions (Inches)
Pin
Dimensions
Mtg. Screw
Weigh
t lbs
Mtg. Dim
L
W
H
A
B
C
M
N
P
Size
Qty
1
1.38
1.25
0.98
0.200
0.300
0.866
Ø 0.031
-
-
-
-
-
0.15
2.5
1.62
1.31
1.12
0.200
0.250
1.00
0.025 Sq.
1.06
-
-
#4
2
0.25
5
1.62
1.31
1.37
0.200
0.400
1.00
0.025 Sq.
1.06
-
-
#4
2
0.37
10
1.87
1.56
1.37
0.200
0.400
1.14
0.038 Sq.
1.25
-
-
#4
2
0.53
20
2.25
1.87
1.62
0.400
0.400
1.460
0.038 Sq.
1.50
-
-
#4
4
0.90
30LP
2.62
2.18
1.56
0.550
0.275
1.68
0.045 Sq.
-
1.75
2.18
#6
4
1.15
56LP
3.00
2.50
1.81
0.600
0.300
1.87
0.045 Sq.
-
2.00
2.50
#6
4
1.70
Sales Office:
26
300 W Factory Road, Addison IL 60101 • Phone: (630) 628-9999 • Fax: (630) 628-9922 • www.wabashtransformer.com
International Power Transformer
Series: VDE - Printed Circuit Mount
Power Rating 1VA to 56VA
Single or Dual Primary, 115V, 230V or 115/230V
Frequency 50/60Hz
Series or Parallel Secondary
Dielectric Strength – 4000 Vrms
Insulation Class F (155°C)
Flammability Rating – Bobbin/Shroud UL94V0 or 94H-B
Agency Approvals:
UL/cUL 5085-2 Recognized (File E47299)
VDE Licensed (File 40001595)
UL/cUL 5085-3 Class 2 Recognized (File E49606)
UL 6500 Audio/Video Recognized (File E210114)
Insulation File No. E95662
Transformer meets international safety standards by
providing high isolation, creepage, clearance, and
increased flammability ratings.
Any application, Any requirement, Contact us for our Custom Designs
Single Primary
Dual Primary
● Indicates Like Polarity
Single Primary
1.0VA
2.5VA to 56VA
Class 2
Primaries and Secondaries are designed
to be used simultaneously. That is, they
must be used either series or parallel
connected (as one winding). Same
applies to secondaries also.


Similar Part No. - VDE1-025P-10

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
VDE1-100L-10 WABASH-VDE1-100L-10 Datasheet
767Kb / 3P
   International Power Transformer
VDE1-100L-126 WABASH-VDE1-100L-126 Datasheet
767Kb / 3P
   International Power Transformer
VDE1-100L-16 WABASH-VDE1-100L-16 Datasheet
767Kb / 3P
   International Power Transformer
VDE1-100L-18 WABASH-VDE1-100L-18 Datasheet
767Kb / 3P
   International Power Transformer
VDE1-100L-20 WABASH-VDE1-100L-20 Datasheet
767Kb / 3P
   International Power Transformer
More results

Similar Description - VDE1-025P-10

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
VDE-10T-10 WABASH-VDE-10T-10 Datasheet
782Kb / 3P
   International Power Transformer
logo
PowerVolt Inc.
14P-56-24 POWERVOLT-14P-56-24 Datasheet
70Kb / 1P
   International Power transformer
logo
Wabash Transformer Inc.
VDE-25L-10 WABASH-VDE-25L-10 Datasheet
767Kb / 3P
   International Power Transformer
VDE-25P-10 WABASH-VDE-25P-10 Datasheet
778Kb / 2P
   International Power Transformer
VDE-10L-10 WABASH-VDE-10L-10 Datasheet
750Kb / 2P
   International Power Transformer
logo
PowerVolt Inc.
P41-43-10 POWERVOLT-P41-43-10 Datasheet
307Kb / 1P
   INTERNATIONAL POWER TRANSFORMER
logo
Wabash Transformer Inc.
VDE-80T-10 WABASH-VDE-80T-10 Datasheet
651Kb / 2P
   International Power Transformer
logo
PowerVolt Inc.
PCL2-20-24 POWERVOLT-PCL2-20-24 Datasheet
451Kb / 1P
   INTERNATIONAL CLASS 2 POWER TRANSFORMER
logo
Rhombus Industries Inc.
T-61001 RHOMBUS-IND-T-61001 Datasheet
27Kb / 1P
   Low Profile International Series Power Transformer
logo
Bel Fuse Inc.
2776D BEL-2776D Datasheet
27Kb / 2P
   ADSL MAGNETICS International Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com