Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM6726C Datasheet(PDF) 7 Page - Motorola, Inc

Part # MCM6726C
Description  128K x 8 Bit Fast Static Random Access Memory
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6726C Datasheet(HTML) 7 Page - Motorola, Inc

  MCM6726C Datasheet HTML 1Page - Motorola, Inc MCM6726C Datasheet HTML 2Page - Motorola, Inc MCM6726C Datasheet HTML 3Page - Motorola, Inc MCM6726C Datasheet HTML 4Page - Motorola, Inc MCM6726C Datasheet HTML 5Page - Motorola, Inc MCM6726C Datasheet HTML 6Page - Motorola, Inc MCM6726C Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MCM6726C
7
MOTOROLA FAST SRAM
PACKAGE DIMENSIONS
32–LEAD
400 MIL SOJ
CASE 857A–02
T
0.25 (0.010)
A
B
S
S
S
T
0.17 (0.007)
A
B
S
S
S
T
0.17 (0.007)
B
A
S
S
S
T
0.17 (0.007)
B
A
S
S
S
L
32
17
16
1
MIN
MIN
MAX
MAX
INCHES
MILLIMETERS
DIM
A
B
C
D
E
F
G
K
L
N
P
R
S
20.83
10.03
3.26
0.41
2.24
0.67
0.89
0.76
11.05
9.27
0.77
21.08
10.29
3.75
0.50
2.48
0.81
1.14
1.14
11.30
9.52
1.01
0.820
0.395
0.128
0.016
0.088
0.026
0.035
0.030
0.435
0.365
0.030
0.830
0.405
0.148
0.020
0.098
0.032
0.045
0.045
0.445
0.375
0.040
1.27 BSC
0.64 BSC
0.050 BSC
0.025 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. TO BE DETERMINED AT PLANE -T-.
4. DIMENSION A & B DO NOT INCLUDE MOLD
PROTRUSION. MOLD PROTRUSION SHALL NOT
EXCEED 0.15 (0.006) PER SIDE.
5. DIMENSION A & B INCLUDE MOLD MISMATCH AND
ARE DETERMINED AT THE PARTING LINE.
G
K
D 32 PL
DETAIL Z
S RADIUS
R
-B-
P
F 32 PL
N
NOTE 3
NOTE 3
DETAIL Z
C
E
-A-
0.10 (0.004)
SEATING
PLANE
-T-
ORDERING INFORMATION
(Order by Full Part Number)
Motorola Memory Prefix
Part Number
Package (WJ = 400 mil SOJ)
Full Part Numbers — MCM6726CWJ6
MCM6726CWJ7
MCM6726CWJ6R
MCM6726CWJ7R
Shipping Method (R = Tape and Reel, Blank = Rails)
Speed (6 = 6 ns, 7 = 7 ns)
MCM 6726C WJ
X
X
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
Mfax is a trademark of Motorola, Inc.
How to reach us:
USA / EUROPE / Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4–32–1,
P.O. Box 5405, Denver, Colorado 80217. 303–675–2140 or 1–800–441–2447
Nishi–Gotanda, Shinagawa–ku, Tokyo 141, Japan. 81–3–5487–8488
Mfax
™: RMFAX0@email.sps.mot.com – TOUCHTONE 602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
– US & Canada ONLY 1–800–774–1848
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
INTERNET: http://motorola.com/sps
MCM6726C/D


Similar Part No. - MCM6726C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6726D MOTOROLA-MCM6726D Datasheet
117Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6726DWJ10 MOTOROLA-MCM6726DWJ10 Datasheet
117Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6726DWJ10R MOTOROLA-MCM6726DWJ10R Datasheet
117Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6726DWJ12 MOTOROLA-MCM6726DWJ12 Datasheet
117Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6726DWJ12R MOTOROLA-MCM6726DWJ12R Datasheet
117Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
More results

Similar Description - MCM6726C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6726D MOTOROLA-MCM6726D Datasheet
117Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6226BB MOTOROLA-MCM6226BB Datasheet
156Kb / 8P
   128K x 8 Bit Static Random Access Memory
MCM6926A MOTOROLA-MCM6926A Datasheet
122Kb / 8P
   128K x 9 Bit Fast Static Random Access Memory
MCM6341 MOTOROLA-MCM6341 Datasheet
124Kb / 10P
   128K x 24 Bit Static Random Access Memory
MCM6706B MOTOROLA-MCM6706B Datasheet
102Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706CR MOTOROLA-MCM6706CR Datasheet
106Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706R MOTOROLA-MCM6706R Datasheet
151Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6246 MOTOROLA-MCM6246 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6706AR MOTOROLA-MCM6706AR Datasheet
152Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706BR MOTOROLA-MCM6706BR Datasheet
114Kb / 7P
   32K x 8 Bit Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com