Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PST-24-120 Datasheet(PDF) 2 Page - Wabash Transformer Inc.

Part # PST-24-120
Description  The Compact Power Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WABASH [Wabash Transformer Inc.]
Direct Link  http://www.wabashtransformer.com
Logo WABASH - Wabash Transformer Inc.

PST-24-120 Datasheet(HTML) 2 Page - Wabash Transformer Inc.

  PST-24-120 Datasheet HTML 1Page - Wabash Transformer Inc. PST-24-120 Datasheet HTML 2Page - Wabash Transformer Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Compact Power Transformer
Series: PST & PDT - Chassis Mount with Terminals
VA
Part Number
Secondary
115V
115/230V
2.4
PST-24-10
-
10VCT @ 240mA
PST-24-126
-
12.6VCT @ 190mA
PST-24-16
-
16VCT @ 150mA
PST-24-20
-
20VCT @ 120mA
PST-24-24
-
24VCT @ 100mA
PST-24-28
-
28VCT @ 85mA
PST-24-36
-
36VCT @ 66mA
PST-24-48
-
48VCT @ 50mA
PST-24-56
-
56VCT @ 43mA
PST-24-120
-
120VCT @ 20mA
6
PST-06-10
PDT-06-10
10VCT @ 600mA
PST-06-126
PDT-06-126
12.6VCT @ 476mA
PST-06-16
PDT-06-16
16VCT @ 375mA
PST-06-20
PDT-06-20
20VCT @ 300mA
PST-06-24
PDT-06-24
24VCT @ 250mA
PST-06-28
PDT-06-28
28VCT @ 214mA
PST-06-36
PDT-06-36
36VCT @ 167mA
PST-06-48
PDT-06-48
48VCT @ 125mA
PST-06-56
PDT-06-56
56VCT @ 107mA
PST-06-120
PDT-06-120
120VCT @ 50mA
12
PST-12-10
PDT-12-10
10VCT @ 1.2A
PST-12-126
PDT-12-126
12.6VCT @ 950mA
PST-12-16
PDT-12-16
16VCT @ 750mA
PST-12-20
PDT-12-20
20VCT @ 600mA
PST-12-24
PDT-12-24
24VCT @ 500mA
PST-12-28
PDT-12-28
28VCT @ 428mA
PST-12-36
PDT-12-36
36VCT @ 330mA
PST-12-48
PDT-12-48
48VCT @ 250mA
PST-12-56
PDT-12-56
56VCT @ 214mA
PST-12-120
PDT-12-120
120VCT @ 100mA
15
PST-15-10
PDT-15-10
10VCT @ 1.5A
PST-15-126
PDT-15-126
12.6VCT @ 1.19A
PST-15-16
PDT-15-16
16VCT @ 940mA
PST-15-20
PDT-15-20
20VCT @ 750mA
PST-15-24
PDT-15-24
24VCT @ 625mA
PST-15-28
PDT-15-28
28VCT @ 536mA
PST-15-36
PDT-15-36
36VCT @ 417mA
PST-15-48
PDT-15-48
48VCT @ 312mA
PST-15-56
PDT-15-56
56VCT @ 0.268A
PST-15-120
PDT-15-120
120VCT @ 125mA
Partial Selection Guide
Sales Office:
300 W Factory Road, Addison IL 60101 • Phone: (630) 628-9999 • Fax: (630) 628-9922 • www.wabashtransformer.com
57
VA
Part Number
Secondary
115V
115/230V
30
PST-30-10
PDT-30-10
10VCT @ 3.0A
PST-30-12
PDT-30-12
12VCT @ 2.50A
PST-30-16
PDT-30-16
16VCT @ 1.875A
PST-30-20
PDT-30-20
20VCT @ 1.50A
PST-30-24
PDT-30-24
24VCT @ 1.25A
PST-30-28
PDT-30-28
28VCT @ 1.071A
PST-30-36
PDT-30-36
36VCT @ 833mA
PST-30-48
PDT-30-48
48VCT @ 625mA
PST-30-56
PDT-30-56
56VCT @ 536mA
PST-30-120
PDT-30-120
120VCT @ 250mA
50
PST-50-10
PDT-50-10
10VCT @ 5.0A
PST-50-12
PDT-50-12
12VCT @ 4.17A
PST-50-16
PDT-50-16
16VCT @ 3.125A
PST-50-20
PDT-50-20
20VCT @ 2.5A
PST-50-24
PDT-50-24
24VCT @ 2.08A
PST-50-28
PDT-50-28
28VCT @ 1.78A
PST-50-36
PDT-50-36
36VCT @ 1.39A
PST-50-48
PDT-50-48
48VCT @ 1.042A
PST-50-56
PDT-50-56
56VCT @ 893mA
PST-50-120
PDT-50-120
120VCT @ 417mA
56
PST-56-10
PDT-56-10
10VCT @ 5.6A
PST-56-12
PDT-56-12
12VCT @ 4.66A
PST-56-16
PDT-56-16
16VCT @ 3.5A
PST-56-20
PDT-56-20
20VCT @ 2.80A
PST-56-24
PDT-56-24
24VCT @ 2.33A
PST-56-28
PDT-56-28
28VCT @ 2.00A
PST-56-36
PDT-56-36
36VCT @ 1.56A
PST-56-48
PDT-56-48
48VCT @ 1.17A
PST-56-56
PDT-56-56
56VCT @ 1.0A
PST-56-120
PDT-56-120
120VCT @ 470mA
100
PST-100-10
PDT-100-10
10VCT @ 10A
PST-100-12
PDT-100-12
12VCT @ 8.33A
PST-100-16
PDT-100-16
16VCT @ 6.25A
PST-100-20
PDT-100-20
20VCT @ 5.0A
PST-100-24
PDT-100-24
24VCT @ 4.17A
PST-100-28
PDT-100-28
28VCT @ 3.57A
PST-100-36
PDT-100-36
36VCT @ 2.78A
PST-100-48
PDT-100-48
48VCT @ 2.08A
PST-100-56
PDT-100-56
56VCT @ 1.79A
PST-100-120
PDT-100-120
120VCT @ 833mA
Any application, Any requirement, Contact us for our Custom Designs


Similar Part No. - PST-24-120

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
PST-2401 MICRO-ELECTRONICS-PST-2401 Datasheet
199Kb / 1P
   ISDN SIT INTERFACE TRANSFORMER FOR AT&T T7234
logo
Altech corporation
PST-24024 ALTECH-PST-24024 Datasheet
156Kb / 1P
   PS-S2024
More results

Similar Description - PST-24-120

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
PSL-012-10 WABASH-PSL-012-10 Datasheet
638Kb / 3P
   The Compact Power Transformer
P24T-24-24 WABASH-P24T-24-24 Datasheet
511Kb / 1P
   The Compact Isolation Transformer
P24L-24-24 WABASH-P24L-24-24 Datasheet
440Kb / 1P
   The Compact Isolation Transformer
logo
List of Unclassifed Man...
PSR9-600-70 ETC2-PSR9-600-70 Datasheet
1Mb / 6P
   PSR - The compact range
logo
Communications & Power ...
3CPX800A7 CPI-3CPX800A7 Datasheet
104Kb / 1P
   The 3CPX800A7 is a compact high-mu power
logo
NXP Semiconductors
MKW2XDXXX NXP-MKW2XDXXX Datasheet
899Kb / 78P
   The MKW2xD is a low power, compact integrated device
Rev. 2, 05/2016
logo
NEC
R120F-2M NEC-R120F-2M Datasheet
659Kb / 2P
   The scalable compact rack server
E120G-M NEC-E120G-M Datasheet
1,008Kb / 2P
   The flexible, compact rack server
R120F-2E NEC-R120F-2E Datasheet
634Kb / 2P
   The flexible, compact rack server
R120B-2 NEC-R120B-2 Datasheet
940Kb / 2P
   The scalable compact rack server
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com