Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2559B-L2-F Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # PT2559B-L2-F
Description  Side Face Silicon Phototransistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PT2559B-L2-F Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

  PT2559B-L2-F Datasheet HTML 1Page - Everlight Electronics Co., Ltd PT2559B-L2-F Datasheet HTML 2Page - Everlight Electronics Co., Ltd PT2559B-L2-F Datasheet HTML 3Page - Everlight Electronics Co., Ltd PT2559B-L2-F Datasheet HTML 4Page - Everlight Electronics Co., Ltd PT2559B-L2-F Datasheet HTML 5Page - Everlight Electronics Co., Ltd PT2559B-L2-F Datasheet HTML 6Page - Everlight Electronics Co., Ltd PT2559B-L2-F Datasheet HTML 7Page - Everlight Electronics Co., Ltd PT2559B-L2-F Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1
Page: 7 of 8
Device No:CDPT-255-012
Prepared date: 2007/1/6
Prepared by: zhouhong
PT2559B/L2-F
█ Test Method For On State Collector Current :
Condition : Ee=0.555mW/cm
2 , V
CE=5V
Test Item : Collector Current [IC(on)]
Unit : µA
█ To Distinguish Intensity:
Condition:VCE:5V
Ee:0.555mW/cm
2
A Ranks
Color Code
Ranks
Symbol
Min
Typ
Max
Unit
Test Condition
Red
A1
IC(ON)
129
---
226
μA
Ee=0.555mW/c ㎡ VCE=5V
Blue
A2
IC(ON)
195
---
306
μA
Ee=0.555mW/c ㎡ VCE=5V
Yellow
A3
IC(ON)
262
---
380
μA
Ee=0.555mW/c ㎡ VCE=5V
Silver
A4
IC(ON)
330
---
461
μA
Ee=0.555mW/c ㎡ VCE=5V
Green
A5
IC(ON)
398
---
544
μA
Ee=0.555mW/c ㎡ VCE=5V
Purple
A6
IC(ON)
468
---
625
μA
Ee=0.555mW/c ㎡ VCE=5V
White
A7
IC(ON)
536
---
703
μA
Ee=0.555mW/c ㎡ VCE=5V
Brown
A8
IC(ON)
604
---
785
μA
Ee=0.555mW/c ㎡ VCE=5V
Orange
A9
IC(ON)
673
---
862
μA
Ee=0.555mW/c ㎡ VCE=5V
Golden
A10
IC(ON)
742
---
944
μA
Ee=0.555mW/c ㎡ VCE=5V
Pink
A11
IC(ON)
812
---
1018
μA
Ee=0.555mW/c ㎡ VCE=5V
Red,Blue
A12
IC(ON)
882
---
1085
μA
Ee=0.555mW/c ㎡ VCE=5V
*
IC(ON)=[ IC(ON)A+ IC(ON)B]/2


Similar Part No. - PT2559B-L2-F

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT2559B-L2-F EVERLIGHT-PT2559B-L2-F Datasheet
219Kb / 8P
   Side Face Silicon Phototransistor
More results

Similar Description - PT2559B-L2-F

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAPLP04RRLA1 EVERLIGHT-EAPLP04RRLA1 Datasheet
461Kb / 7P
   Side Face Silicon Phototransistor
EAPLP04RRAA2 EVERLIGHT-EAPLP04RRAA2 Datasheet
458Kb / 7P
   Side Face Silicon Phototransistor
PT5529B-L2-F EVERLIGHT-PT5529B-L2-F Datasheet
218Kb / 8P
   Side Face Silicon Phototransistor
PT2559B-L2-F EVERLIGHT-PT2559B-L2-F Datasheet
219Kb / 8P
   Side Face Silicon Phototransistor
PT5529B-L2-H2-F EVERLIGHT-PT5529B-L2-H2-F Datasheet
220Kb / 8P
   Side Face Silicon Phototransistor
PT2559B-F EVERLIGHT-PT2559B-F Datasheet
219Kb / 8P
   Side Face Silicon Phototransistor
PT2559B-F EVERLIGHT-PT2559B-F Datasheet
214Kb / 8P
   Side Face Silicon Phototransistor
PT5529B-L2 EVERLIGHT-PT5529B-L2 Datasheet
213Kb / 8P
   Side Face Silicon Phototransistor
PT2559B-L2-H2-F EVERLIGHT-PT2559B-L2-H2-F Datasheet
219Kb / 8P
   Side Face Silicon Phototransistor
PT5529B-L2-F EVERLIGHT-PT5529B-L2-F Datasheet
218Kb / 8P
   Side Face Silicon Phototransistor
PT2559B-L2-H2-F EVERLIGHT-PT2559B-L2-H2-F Datasheet
219Kb / 8P
   Side Face Silicon Phototransistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com