Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSH-06-120 Datasheet(PDF) 1 Page - Wabash Transformer Inc.

Part # PSH-06-120
Description  Split Bobbin Power Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WABASH [Wabash Transformer Inc.]
Direct Link  http://www.wabashtransformer.com
Logo WABASH - Wabash Transformer Inc.

PSH-06-120 Datasheet(HTML) 1 Page - Wabash Transformer Inc.

  PSH-06-120 Datasheet HTML 1Page - Wabash Transformer Inc. PSH-06-120 Datasheet HTML 2Page - Wabash Transformer Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sales Office:
44
300 W Factory Road, Addison IL 60101 • Phone: (630) 628-9999 • Fax: (630) 628-9922 • www.wabashtransformer.com
Split Bobbin Power Transformer
Series: PSH & PDH - Printed Circuit Mount, Horizontal 6 & 8 Pins
Power Rating 1.1VA to 36VA
Single or Dual Primary, 115V or 115/230V
Frequency 50/60HZ
Series or Parallel Secondary
Dielectric Strength – 2500 Vrms
Insulation Class B (130°C)
Low Capacitive Coupling, no Electrostatic Shield Needed
Agency Approvals:
UL/cUL 5085-2 Recognized (File E47299)
Insulation File No. E95662
VA
Rating
Weight
Lbs
Dimensions (Inches)
L
W
H
ML
A
B
C
D (dia)
1.1
1.38
1.13
0.93
-
0.250
0.250
1.22
-
0.17
2.4
1.38
1.13
1.17
-
0.250
0.250
1.22
-
0.25
6
1.63
1.31
1.29
1.06
0.250
0.350
1.28
0.125
0.44
12
1.88
1.56
1.41
1.25
0.300
0.400
1.40
0.150
0.70
20
2.25
1.88
1.41
1.66
0.300
0.400
1.59
0.218*
0.80
36
2.63
2.19
1.56
1.94
0.400
0.400
1.84
0.218*
1.10
Single Primary (6 Pin)
Dual Primary (8 PIN)
● Indicates Like Polarity
Any application, Any requirement, Contact us for our Custom Designs
* = Slots
Primaries and Secondaries are designed to be used
simultaneously. That is, they must be used either series or parallel
connected (as one winding). Same applies to secondaries also.


Similar Part No. - PSH-06-120

ManufacturerPart #DatasheetDescription
logo
Altech corporation
PSH-120 ALTECH-PSH-120 Datasheet
535Kb / 2P
   120W High Input Single Output Industrial DIN Rail Power Supply
PSH-12024 ALTECH-PSH-12024 Datasheet
535Kb / 2P
   120W High Input Single Output Industrial DIN Rail Power Supply
PSH-12048 ALTECH-PSH-12048 Datasheet
535Kb / 2P
   120W High Input Single Output Industrial DIN Rail Power Supply
logo
Power Sonic Corporation
PSH-12100FR POWER-SONIC-PSH-12100FR Datasheet
451Kb / 2P
   Rechargeable Sealed Lead Acid Battery
PSH-12180FR POWER-SONIC-PSH-12180FR Datasheet
463Kb / 2P
   Rechargeable Sealed Lead Acid Battery
More results

Similar Description - PSH-06-120

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
PSX-012-10 WABASH-PSX-012-10 Datasheet
668Kb / 2P
   Split Bobbin Power Transformer
logo
DB Lectro Inc
TL88-025-10 DBLECTRO-TL88-025-10 Datasheet
189Kb / 2P
   SPLIT-BOBBIN TRANSFORMER
logo
Wabash Transformer Inc.
P24H-11-24 WABASH-P24H-11-24 Datasheet
512Kb / 1P
   Split Bobbin Isolation Transformer
P24X-24-24 WABASH-P24X-24-24 Datasheet
535Kb / 1P
   Split Bobbin Isolation Transformer
logo
PowerVolt Inc.
DSZ3-24 POWERVOLT-DSZ3-24 Datasheet
104Kb / 1P
   Split Bobbin Printed Circuit Power Transformer
logo
Premier Magnetics, Inc.
PSB-101 PMI-PSB-101 Datasheet
71Kb / 2P
   SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
PVD-102 PMI-PVD-102 Datasheet
69Kb / 2P
   SHROUDED SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
logo
DB Lectro Inc
TL66-2F-10 DBLECTRO-TL66-2F-10 Datasheet
200Kb / 2P
   TWIN-BOBBIN TRANSFORMER
logo
Bel Fuse Inc.
241-3-10 BEL-241-3-10 Datasheet
999Kb / 3P
   Split Bobbin Construction Providing Superior Isolation
241-L BEL-241-L Datasheet
933Kb / 3P
   Split Bobbin Construction Providing Superior Isolation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com