Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL3011S(TB)(P5)-V Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # EL3011S(TB)(P5)-V
Description  5 PIN DIP RANDOM-PHASE TRIAC DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EL3011S(TB)(P5)-V Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button EL3011S(TB)(P5)-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd EL3011S(TB)(P5)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd EL3011S(TB)(P5)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd EL3011S(TB)(P5)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL3011S(TB)(P5)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL3011S(TB)(P5)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL3011S(TB)(P5)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL3011S(TB)(P5)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd EL3011S(TB)(P5)-V Datasheet HTML 10Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
5 PIN DIP RANDOM-PHASE TRIAC DRIVER
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
6
http://www.everlight.com
Document No
:DPC-0000075 Rev. 1
October 1,2011
EL301X(P5) Series
EL302X(P5) Series
EL305X(P5) Series
For example, VPEAK = 400V for EL302X series. The dv/dt value is calculated as follows:
Order Information
Part Number
EL301XY(Z)(P5)-V
or
EL302XY(Z)(P5)-V
or
EL305XY(Z)(P5)-V
Note
X
= Part No. for EL301x (0, 1 or 2)
X
= Part No. for EL302x, EL305x (1, 2 or 3)
Y
= Lead form option (S, S1, M or none)
Z
= Tape and reel option (TA, TB or none).
P5 = 5 pins type
V
= VDE safety approved (optional)
Option
Description
Packing quantity
None
Standard DIP-6
65 units per tube
M
Wide lead bend (0.4 inch spacing)
65 units per tube
S (TA)
Surface mount lead form + TA tape & reel option
1000 units per reel
S (TB)
Surface mount lead form + TB tape & reel option
1000 units per reel
S1 (TA)
Surface mount lead form (low profile) + TA tape & reel option
1000 units per reel
S1 (TB)
Surface mount lead form (low profile) + TB tape & reel option
1000 units per reel
0.63 x 400
τ
RC
dv/dt =
=
252
τ
RC


Similar Part No. - EL3011S(TB)(P5)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL3011S(TB)-V EVERLIGHT-EL3011S(TB)-V Datasheet
316Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER
More results

Similar Description - EL3011S(TB)(P5)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL301X EVERLIGHT-EL301X_17 Datasheet
901Kb / 14P
   5 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
ELT302X EVERLIGHT-ELT302X Datasheet
637Kb / 13P
   4 PIN DIP RANDOM-PHASE TRIAC DRIVER
EL301X_0808 EVERLIGHT-EL301X_0808 Datasheet
316Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER
EL301X EVERLIGHT-EL301X Datasheet
312Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL301X EVERLIGHT-EL301X_15 Datasheet
509Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
ELT302X EVERLIGHT-ELT302X_14 Datasheet
769Kb / 13P
   4 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
logo
ON Semiconductor
MOC3071M ONSEMI-MOC3071M Datasheet
519Kb / 15P
   6-Pin DIP Random-Phase Triac Driver Optocoupler
November 2016 - Rev. 1
logo
Fairchild Semiconductor
MOC3021 FAIRCHILD-MOC3021 Datasheet
176Kb / 7P
   6-Pin DIP Random-phase Optoisolators Triac Driver Output
logo
ON Semiconductor
MOC3010M ONSEMI-MOC3010M Datasheet
348Kb / 12P
   6-Pin DIP Random-Phase Triac Driver Output Optocoupler
May, 2018 ??Rev. 1
logo
Motorola, Inc
MOC3020 MOTOROLA-MOC3020 Datasheet
299Kb / 6P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com