Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT42-21B-TR8 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # PT42-21B-TR8
Description  1.8mm Round Subminiature Chip Phototransistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PT42-21B-TR8 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  PT42-21B-TR8 Datasheet HTML 1Page - Everlight Electronics Co., Ltd PT42-21B-TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PT42-21B-TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PT42-21B-TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PT42-21B-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd PT42-21B-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd PT42-21B-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd PT42-21B-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd PT42-21B-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 2 of 10
Device No:DTT-042-021
Prepared date:10-25-2005
Prepared by:Jaine Tsai
1
2
Collector
Emitter
PT42-21B/TR8
Package Dimensions
Notes: 1.All dimensions are in millimeters
2.Tolerances unless dimensions ±0.1mm
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Units
Collector-Emitter Voltage
VCEO
30
V
Emitter-Collector-Voltage
VECO
5
V
Collector Current
IC
20
mA
Operating Temperature
Topr
-25 ~ +85
Storage Temperature
Tstg
-40 ~ +85
Soldering Temperature
Tsol
260
Power Dissipation at(or below)
25℃Free Air Temperature
Pc
75
mW
Notes: *1:Soldering time≦5 seconds.


Similar Part No. - PT42-21B-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT42-21B EVERLIGHT-PT42-21B Datasheet
206Kb / 10P
   1.8mm Round Subminiature Chip Phototransistor
PT42-21B/TR8 EVERLIGHT-PT42-21B/TR8 Datasheet
206Kb / 10P
   1.8mm Round Subminiature Chip Phototransistor
More results

Similar Description - PT42-21B-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT42-21B EVERLIGHT-PT42-21B Datasheet
206Kb / 10P
   1.8mm Round Subminiature Chip Phototransistor
BHC-AUW EVERLIGHT-BHC-AUW Datasheet
150Kb / 10P
   1.8mm round Subminiature Chip LED
42-21SYGC EVERLIGHT-42-21SYGC Datasheet
152Kb / 10P
   1.8mm round Subminiature Chip LED
42-21UYC EVERLIGHT-42-21UYC Datasheet
152Kb / 10P
   1.8mm round Subminiature Chip LEDs
logo
HK TO-GRACE TECHNOLOGY ...
42-21-BHC-AUW-1T TO-GRACE-42-21-BHC-AUW-1T Datasheet
799Kb / 10P
   1.8mm round Subminiature Chip LED
logo
A-BRIGHT Inc
42-21A-GHC-YX1Y2N-1T A-BRIGHT-42-21A-GHC-YX1Y2N-1T Datasheet
322Kb / 5P
   1.8mm Round Subminiature Chip LEDs
2006/10/11
42-21A-GHC-YX1Y2N-1T A-BRIGHT-42-21A-GHC-YX1Y2N-1T Datasheet
327Kb / 5P
   1.8mm Round Subminiature Chip LEDs
2006/10/11
logo
Everlight Electronics C...
42-21A-GHC-YX1Y2N-1T EVERLIGHT-42-21A-GHC-YX1Y2N-1T_11 Datasheet
145Kb / 10P
   1.8mm round Subminiature Chip LED
42-21-BHC-AUW-1T EVERLIGHT-42-21-BHC-AUW-1T Datasheet
158Kb / 10P
   1.8mm round Subminiature Chip LED
42-21UYC-S530-A3-TR8 EVERLIGHT-42-21UYC-S530-A3-TR8 Datasheet
174Kb / 10P
   1.8mm round Subminiature Chip LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com