Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT19-21C-L41-TR8 Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # PT19-21C-L41-TR8
Description  0.8mm Height Flat Top Phototransistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PT19-21C-L41-TR8 Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button PT19-21C-L41-TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PT19-21C-L41-TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PT19-21C-L41-TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PT19-21C-L41-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd PT19-21C-L41-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd PT19-21C-L41-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd PT19-21C-L41-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd PT19-21C-L41-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd PT19-21C-L41-TR8 Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 10 of 10
Device No:DTT-019-034
Prepared date:07-25-2005
Prepared by:Jaine Tsai
RoHS
PT19-21C/L41/TR8
Packing Quantity Specification
1.3000Pcs/1Volume,1Volume/1Bag
2.10Boxes/1Carton
Label Form Specification
CPN: Customer’s Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks
HUE: Peak Wavelength
REF: Reference
LOT No: Lot Number
MADE IN TAIWAN: Production Place
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT
corporation. Please don’t reproduce or cause anyone to reproduce them without EVERLIGHT’s
consent.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http:\\www.everlight.com
PT19-21C/L41/TR8


Similar Part No. - PT19-21C-L41-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT19-21C EVERLIGHT-PT19-21C Datasheet
200Kb / 10P
   0.8mm Height Flat Top Phototransistor
PT19-21C/L41/TR8 EVERLIGHT-PT19-21C/L41/TR8 Datasheet
200Kb / 10P
   0.8mm Height Flat Top Phototransistor
More results

Similar Description - PT19-21C-L41-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT26-21C-TR8 EVERLIGHT-PT26-21C-TR8 Datasheet
207Kb / 10P
   0.8mm Height Flat Top Phototransistor
PT19-21C EVERLIGHT-PT19-21C Datasheet
200Kb / 10P
   0.8mm Height Flat Top Phototransistor
PT26-21B-TR8 EVERLIGHT-PT26-21B-TR8 Datasheet
204Kb / 10P
   0.8mm Height Flat Top Phototransistor
PT26-21B EVERLIGHT-PT26-21B Datasheet
198Kb / 10P
   0.8mm Height Flat Top Phototransistor
PT19-21B-L41-TR8 EVERLIGHT-PT19-21B-L41-TR8 Datasheet
281Kb / 10P
   0.8mm Height Flat Top Phototransistor
PT26-21C EVERLIGHT-PT26-21C Datasheet
201Kb / 10P
   0.8mm Height Flat Top Phototransistor
17-215UBC EVERLIGHT-17-215UBC Datasheet
158Kb / 9P
   0.8mm Height Flat Top LED
logo
TAITRON Components Inco...
TSP1-XF1608H8A4 TAITRON-TSP1-XF1608H8A4 Datasheet
567Kb / 7P
   0.8mm Height Flat Top LED
logo
Everlight Electronics C...
24-21UBC EVERLIGHT-24-21UBC Datasheet
156Kb / 9P
   0.8mm Height Flat Top LED
logo
TAITRON Components Inco...
TSP1-FF1608H8E2 TAITRON-TSP1-FF1608H8E2 Datasheet
565Kb / 7P
   0.8mm Height Flat Top LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com