Part Name
         Description
PLT133-T8

 Photolink- Fiber Optic Transmitter ( 5 Page)


EVERLIGHT
100% 
Zoom Out Zoom In
   
 4 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 2
Page: 4 of 5
Device NO.: DPL-133-013
Prepared date: 07-25-2005
Prepared By: Chin-Chia Hsu
PLT133/T8
Measuring Method
*1
Measuring method of optical output coupling fiber and dissipation current
PLT133 Transmitter Unit
Standard plastic optic fiber cable
GND
Vcc
Vin
0.1uF
5V
Signal
Input
DC
Optical power meter
PADVANTEST Q8221
The optical power meter must be calibrated
to have the wavelength sensitivity of 660nm
( 0 dBm = 1mW)
Icc
*2
Pulse response measuring method
Standard plastic optic fiber cable
16Mbps NRZ "0101" successive signal input
Standard Receiver Unit
CH2
CH1
50%
T
T
Input
tj1
Output
tj2
50%
tw = TPHL-TPLH
PHL
PLH
5V
0.1uF
PLT133 Transmitter Unit
Vin
Vcc
Input
Signal
GND



Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl