Part Name
         Description
PLT133-T8

 Photolink- Fiber Optic Transmitter ( 5 Page)


EVERLIGHT
100% 
Zoom Out Zoom In
   
 3 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 2
Page: 3 of 5
Device NO.: DPL-133-013
Prepared date: 07-25-2005
Prepared By: Chin-Chia Hsu
PLT133/T8
Absolute Maximum Ratings( Ta = 25ºC)
Parameter
Symbol
Rating
Unit
Supply Voltage
Vcc
-0.5 to 7
V
DC Input Voltage
Vin
-0.5 to Vcc+0.5
V
Storage Temperature
Tstg
-40 to 85
ºC
Operating Temperature
Topr
-20 to 70
ºC
Soldering Temperature
Tsol
260*
ºC
* Soldering time
≤ 10 s.
Electro-Optical Characteristics
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Operating Voltage
Vcc
Low Voltage
2.75
3.00
3.25
V
High Voltage
4.75
5.00
5.25
V
Peak Emission Wavelength
λp
640
660
680
nm
Transmission Rate
NRZ Code
DC
-
16
Mbps
Fiber Coupling Output Power
Pf
*1
-21
-18
-15
dBm
Dissipation Current
Icc
*1
3
-
10
mA
High Level Input Voltage
VIH
2
-
-
V
Low Level Input Voltage
VIL
-
-
0.8
V
Low to High Delay Time
tpLH
*2
-
-
120
ns
High to Low Delay Time
tpHL
*2
-
-
120
ns
Pulse Width Distortion
∆tw
*2
-25
-
25
ns
Jitter
∆tj
*2
-
-
20
ns
*All Plastic Optical Fiber(980/1000um)
*Circuit Layout Notice:
When power is off, it must be cut off together in Vin and Vcc pin. If it only has Vcc power-off,
LED will be sparkling because LED is just threshold condition.



Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl