Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL3061 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # EL3061
Description  5 PIN DIP ZERO CROSS TRIAC DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EL3061 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  EL3061 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EL3061 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EL3061 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EL3061 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EL3061 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL3061 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL3061 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL3061 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL3061 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
5 PIN DIP ZERO CROSS TRIAC DRIVER
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
1
http://www.everlight.com
Document No
:DPC-0000076 Rev. 1
October 12, 2011
EL303X(P5) Series
EL304X(P5) Series
EL306X(P5) Series
EL308X(P5) Series
Features:
• Peak breakdown voltage
- 250V: EL303X(P5)
- 400V: EL304X(P5)
- 600V: EL306X(P5)
- 800V: EL308X(P5)
• High isolation voltage between input
and output
(Viso=5000 V rms )
• Zero voltage crossing
• Pb free and RoHS compliant.
• UL approved (No.E214129)
• VDE approved (No.132249)
• SEMKO approved
• NEMKO approved
• DEMKO approved
• FIMKO approved
• CSA approved
• CQC approved
Description
The EL303X(P5), EL304X(P5), EL306X(P5) and EL308X(P5)
series of devices each consist of a GaAs infrared emitting diode
optically coupled to a monolithic silicon zero voltage crossing photo
triac.
They are designed for use with a discrete power triac in the interface of
logic systems to equipment powered from 110 to 380 VAC lines,
such as solid-state relays, industrial controls, motors, solenoids and
consumer appliances.
Applications
Solenoid/valve controls
Light controls
Static power switch
AC motor drivers
E.M. contactors
Temperature controls
AC Motor starters
Schematic
Pin Configuration
1. Anode
2. Cathode
3. No Connection
4. Terminal
5. Pin Cut
6. Terminal


Similar Part No. - EL3061

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL3061 EVERLIGHT-EL3061 Datasheet
340Kb / 13P
   6 PIN DIP ZERO CROSS TRIAC DRIVER PHOTOCOUPLER
EL3061 EVERLIGHT-EL3061 Datasheet
945Kb / 14P
   5 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results

Similar Description - EL3061

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL303X EVERLIGHT-EL303X_17 Datasheet
945Kb / 14P
   5 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
ELT304X EVERLIGHT-ELT304X Datasheet
788Kb / 14P
   4 PIN DIP ZERO CROSS TRIAC DRIVER
EL303X EVERLIGHT-EL303X Datasheet
340Kb / 13P
   6 PIN DIP ZERO CROSS TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X_15 Datasheet
631Kb / 13P
   6 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
ELT304X EVERLIGHT-ELT304X_14 Datasheet
863Kb / 14P
   4 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
logo
Motorola, Inc
MOC3081 MOTOROLA-MOC3081 Datasheet
291Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3061 MOTOROLA-MOC3061 Datasheet
290Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3041 MOTOROLA-MOC3041 Datasheet
292Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
logo
Fairchild Semiconductor
FOD410 FAIRCHILD-FOD410 Datasheet
292Kb / 12P
   6-Pin DIP Zero-Cross Triac Drivers
logo
ON Semiconductor
MOC3061M ONSEMI-MOC3061M Datasheet
402Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
May, 2021 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com