Electronic Components Datasheet Search |
|
CL10A50-000 Datasheet(PDF) 1 Page - Wabash Transformer Inc. |
|
CL10A50-000 Datasheet(HTML) 1 Page - Wabash Transformer Inc. |
1 / 3 page Type HX Foot Mount - Steel bracket welded to the bottom of the laminations for easy mounting Type GX Panel Mount - 0.179” (4.55 mm) diameter holes in each corner to allow direct mounting to a panel. Lead Wires: All leads are 18 AWG stranded 2/64” (0.794 mm) insulation thickness. Standard parts have 12” (305 mm) total length with 1/2” (12.7 mm) strip. Type BB Foot Mount, Pri & Sec on Same Side - Quick connect terminals with line and load terminations on the same side of transformer. Type AE Laydown, Pri & Sec on Top Side - Quick connect terminals with line and load terminations on the top of transformer. Type AB Foot Mount, Pri & Sec on Opposite Side - Quick connect terminals with line and load terminations on opposite sides of transformer Terminals: Standard male quick connects - 0.250” x 0.032” (6.35 x 0.81 mm) Other available quick connects - 0.187” x 0.032” (4.75 x 0.81 mm) Dimensions (Inches) 10VA 15VA 20VA 30VA 5VA A 1.660 1.660 1.760 1.790 2.160 B 0.500 0.500 0.625 0.625 1.000 Weight (Lbs) 0.710 0.740 0.889 0.968 1.260 Sales Office: 8 300 W Factory Road, Addison IL 60101 • Phone: (630) 628-9999 • Fax: (630) 628-9922 • www.wabashtransformer.com Class 2 UL5085 -3 Transformer 5VA - 30VA, Inherently Energy Limited Series: CL - Lead Wires & Quick-Connects Power Rating 5VA to 30VA with Lead wires Power Rating 10VA to 30VA with Quick-Connect Terminals No Secondary Fusing Required Frequency 50/60Hz Insulation Class F (155°C) Agency Approvals: UL/cUL 5085-3 Class 2 Recognized (File E49606) Insulation File No. E95662 Class 2 * Multi voltage combinations are available - consult factory. Any application, Any requirement, Contact us for our Custom Designs Type HX - Foot Mount Type GX - Panel Mount Type AE - Laydown, Pri & Sec on Top Side Type AB - Foot Mount, Pri & Sec on Opposite Side Lead Wires Quick-Connects Type BB - Foot Mount, Pri & Sec on Same Side |
Similar Part No. - CL10A50-000 |
|
Similar Description - CL10A50-000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |