Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITR9813 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # ITR9813
Description  Opto Interrupter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ITR9813 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  ITR9813 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ITR9813 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ITR9813 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ITR9813 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ITR9813 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ITR9813 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ITR9813 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ITR9813 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev .1
Page: 5 of 8
Device No
:DRX-0000018
Prepared date
:2009/4/14
Prepared by
:huangzw
75
-25
0
25
50
100
900
920
940
960
980
0
10
10
1
10
2
3
10
4
1
2
3
4
-20
0.6
0.9
0.7
0.8
1.0
0.2
0.4
0
0.2 0.4 0.6
50
70
80
60
40
30
-10
0
20
10
0
20
40
60
80
100
IF=20mA
Ta=25°C
25
1
1.1
1.2
1.3
50
75
100
120
IF=20mA
ITR9813
█ Typical Electrical/Optical/Characteristics Curves for IR
Fig.1 Forward Current vs.
Fig.2 Spectral Distribution
Ambient Temperature
Fig.3 Peak Emission Wavelength
Fig.4 Forward Current vs.
Ambient Temperature
Forward Voltage
Fig.8 Forward Current vs.
Fig.6 Relative Radiant Intensity vs.
Ambient Temperature(°C)
Angular Displacement
0
-40
-20
40
20
0
60
100
80
10
20
30
40
50
60
70


Similar Part No. - ITR9813

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ITR9803 EVERLIGHT-ITR9803 Datasheet
332Kb / 7P
   Opto Interrupter
ITR9807 EVERLIGHT-ITR9807 Datasheet
242Kb / 6P
   OPTO INTERRUPTER ITR
ITR9809-F EVERLIGHT-ITR9809-F Datasheet
305Kb / 7P
   Opto Interrupter
ITR9809-F-T EVERLIGHT-ITR9809-F-T Datasheet
305Kb / 7P
   Opto Interrupter
ITR9809-F/T EVERLIGHT-ITR9809-F/T Datasheet
305Kb / 7P
   Opto Interrupter
More results

Similar Description - ITR9813

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ITR9909 EVERLIGHT-ITR9909 Datasheet
246Kb / 7P
   Opto Interrupter
ITR9809-F EVERLIGHT-ITR9809-F Datasheet
305Kb / 7P
   Opto Interrupter
EAITRBA2 EVERLIGHT-EAITRBA2 Datasheet
383Kb / 9P
   Opto Interrupter
EAITRCA1 EVERLIGHT-EAITRCA1 Datasheet
471Kb / 9P
   Opto Interrupter
EAITRDA3 EVERLIGHT-EAITRDA3 Datasheet
512Kb / 9P
   Opto Interrupter
EAITRDA8 EVERLIGHT-EAITRDA8 Datasheet
371Kb / 9P
   Opto Interrupter
ITR9803 EVERLIGHT-ITR9803 Datasheet
332Kb / 7P
   Opto Interrupter
ITR8307-F43 EVERLIGHT-ITR8307-F43_09 Datasheet
229Kb / 9P
   Opto Interrupter
ITR20510-TR8 EVERLIGHT-ITR20510-TR8 Datasheet
259Kb / 10P
   Opto Interrupter
ITR8104 EVERLIGHT-ITR8104 Datasheet
651Kb / 8P
   Opto Interrupter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com