Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITR8402-F-A Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # ITR8402-F-A
Description  Opto Interrupter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ITR8402-F-A Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  ITR8402-F-A Datasheet HTML 1Page - Everlight Electronics Co., Ltd ITR8402-F-A Datasheet HTML 2Page - Everlight Electronics Co., Ltd ITR8402-F-A Datasheet HTML 3Page - Everlight Electronics Co., Ltd ITR8402-F-A Datasheet HTML 4Page - Everlight Electronics Co., Ltd ITR8402-F-A Datasheet HTML 5Page - Everlight Electronics Co., Ltd ITR8402-F-A Datasheet HTML 6Page - Everlight Electronics Co., Ltd ITR8402-F-A Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev: 2
Page: 1 of 7
Device No: DRX-0000001
Prepared date:2008/10/22
Prepared by:else zhuang
Technical Data Sheet
Opto Interrupter
ITR8402-F-A
█ Features
Fast response time
High analytic
Cut-off visible wavelength λp=940nm
High sensitivity
Pb free
This product itself will remain within RoHS compliant version.
█Descriptions
The ITR8402-F-A consist of an infrared emitting diode and an NPN silicon
phototransistor, encased side-by-side on converging optical axis in a black thermoplastic
housing .
The phototransistor receives radiation from the IRED only .This is the normal situation.
But when an object is in between , phototransistor could not receives the radiation.
For additional component information , please refer to IR908-7C-F and PT908-7C-F
█ Applications
Mouse Copier
Switch Scanner
Floppy disk driver
Non-contact Switching
For Direct Board
█ Device Selection Guide
Device No.
Chip Material
LENS COLOR
IR908-7C-F
GaAlAs
Water clear
PT908-7C-F
Silicon
Water clear


Similar Part No. - ITR8402-F-A

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ITR8402-F EVERLIGHT-ITR8402-F Datasheet
328Kb / 7P
   Opto Interrupter
More results

Similar Description - ITR8402-F-A

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ITR9909 EVERLIGHT-ITR9909 Datasheet
246Kb / 7P
   Opto Interrupter
ITR9809-F EVERLIGHT-ITR9809-F Datasheet
305Kb / 7P
   Opto Interrupter
ITR9813 EVERLIGHT-ITR9813 Datasheet
235Kb / 8P
   Opto Interrupter
EAITRBA2 EVERLIGHT-EAITRBA2 Datasheet
383Kb / 9P
   Opto Interrupter
EAITRCA1 EVERLIGHT-EAITRCA1 Datasheet
471Kb / 9P
   Opto Interrupter
EAITRDA3 EVERLIGHT-EAITRDA3 Datasheet
512Kb / 9P
   Opto Interrupter
EAITRDA8 EVERLIGHT-EAITRDA8 Datasheet
371Kb / 9P
   Opto Interrupter
ITR9803 EVERLIGHT-ITR9803 Datasheet
332Kb / 7P
   Opto Interrupter
ITR8307-F43 EVERLIGHT-ITR8307-F43_09 Datasheet
229Kb / 9P
   Opto Interrupter
ITR20510-TR8 EVERLIGHT-ITR20510-TR8 Datasheet
259Kb / 10P
   Opto Interrupter
ITR8104 EVERLIGHT-ITR8104 Datasheet
651Kb / 8P
   Opto Interrupter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com