Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEB2245 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # PEB2245
Description  Multipoint Switching and Conferencing Unit - Attenuation MUSAC
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PEB2245 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button PEB2245 Datasheet HTML 3Page - Siemens Semiconductor Group PEB2245 Datasheet HTML 4Page - Siemens Semiconductor Group PEB2245 Datasheet HTML 5Page - Siemens Semiconductor Group PEB2245 Datasheet HTML 6Page - Siemens Semiconductor Group PEB2245 Datasheet HTML 7Page - Siemens Semiconductor Group PEB2245 Datasheet HTML 8Page - Siemens Semiconductor Group PEB2245 Datasheet HTML 9Page - Siemens Semiconductor Group PEB2245 Datasheet HTML 10Page - Siemens Semiconductor Group PEB2245 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
PEB 2245
Semiconductor Group
7
03.96
An overview on the complete switching and conferencing IC-family is shown in the following table:
Table 1
Complete Switching and Conferencing IC Family
MTSC
PEB 2045
MTSS
PEB 2046
MTSL
PEB 2047
MTSL 16
PEB 2047-16
MUSAC
PEB 2245
MUSAC-A
PEB 2445
EPIC-1
PEB 2055
EPIC-S
PEB 2054
Switching
capacity
(time-slots)
512
× 256
256
× 256
1024
× 512
1024
× 1024
512
× 256
512
× 256
256
× 256
256
× 256
Input/output
lines
‘16/8
‘8/8
‘16/8
‘16/8
‘16/8
‘16/8
‘8/8
SLD/IOM/
PCM
‘6/6
IOM/PCM
PCM-data rate
(Mbit/s)
2/4/8 +
mixed mode
2
2/4/8 +
mixed mode
2/4/8/16 +
mixed mode
2/4/8 +
mixed mode
2/4/8 +
mixed mode
up to 8
up to 8
Clock rate
(MHz)
4.096
8.192
4.096
8.192
4.096
8.192
4.096/8.192
16.384
4.096
8.192
4.096
8.192
up to
8.192
up to
8.192
Conferencing
64 channels
64 channels
Attenuation
64 channels
3/6/9 dB
all channels
– 4 to 12 dB
PRI/T1 mode
yes
yes
yes
Fractional T1
data bundling
yes
yes
128-Kbit/s
channel
128-Kbit/s
channel
µC access
read
read
yes
yes
Multipoint
switching
yes
yes
Power (mW)
max.
consumption
typ
50
50
100
170
100
100
50
50
Package
P-DIP-40
P-LCC-44
P-DIP-40
P-LCC-44
P-LCC-44
P-LCC-44
P-LCC-44
P-LCC-44
P-LCC-44
P-LCC-44
1) in definition


Similar Part No. - PEB2245

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PEB2245-N SIEMENS-PEB2245-N Datasheet
65Kb / 2P
   multipoint switching and conferencing unit (musac)
More results

Similar Description - PEB2245

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PEB2445 SIEMENS-PEB2445 Datasheet
1Mb / 70P
   Multipoint Switching and Conferencing Unit - Attenuation MUSAC-A
PEB2245-N SIEMENS-PEB2245-N Datasheet
65Kb / 2P
   multipoint switching and conferencing unit (musac)
logo
Texas Instruments
SN65MLVD200 TI1-SN65MLVD200_15 Datasheet
1Mb / 31P
[Old version datasheet]   MULTIPOINT?밚VDS LINE DRIVERS AND RECEIVERS
DS1487 TI1-DS1487_11 Datasheet
180Kb / 10P
[Old version datasheet]   Low Power RS-485 Unit Load Multipoint Transceiver
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200 TI-SN65MLVD200 Datasheet
336Kb / 23P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVERS AND RECEIVERS
SN65MLVD201 TI-SN65MLVD201_07 Datasheet
695Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201 Datasheet
329Kb / 10P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI1-SN65MLVD200A_15 Datasheet
1Mb / 38P
[Old version datasheet]   Multipoint-LVDS Line Driver and Receiver
logo
Zarlink Semiconductor I...
ZN1066 ZARLINK-ZN1066 Datasheet
383Kb / 4P
   SWITCHING REGULATOR CONTROL AND DRIVE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com