Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEB2047-NV2.1 Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # PEB2047-NV2.1
Description  Memory Time Switch Large MTSL
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PEB2047-NV2.1 Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button PEB2047-NV2.1 Datasheet HTML 6Page - Siemens Semiconductor Group PEB2047-NV2.1 Datasheet HTML 7Page - Siemens Semiconductor Group PEB2047-NV2.1 Datasheet HTML 8Page - Siemens Semiconductor Group PEB2047-NV2.1 Datasheet HTML 9Page - Siemens Semiconductor Group PEB2047-NV2.1 Datasheet HTML 10Page - Siemens Semiconductor Group PEB2047-NV2.1 Datasheet HTML 11Page - Siemens Semiconductor Group PEB2047-NV2.1 Datasheet HTML 12Page - Siemens Semiconductor Group PEB2047-NV2.1 Datasheet HTML 13Page - Siemens Semiconductor Group PEB2047-NV2.1 Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
PEB 2047
PEB 2047-16
Semiconductor Group
10
1.4
System Integration
The main application field for the MTSL (PEB 2047) are central switches with high switching
capacity. Two possibilities exist to implement a non-blocking switch for 1024 input and 1024 output
channels.
With a 16 384-kHz device clock only one MTSL is needed (figure 2), with a 8192-kHz device clock
two chips in parallel realize the same functionality (figure 3).
Figure 2
Memory Time Switch for a Non-Blocking 1024-Channel Switch (16 MHz)
Figure 3
Memory Time Switch for a Non-Blocking 1024-Channel Switch (8 MHz)
8
PCM OUT
8 MHz
8 MHz
PCM IN
8
ITS03768
MTSL
CLK
384 kHz
16
4
4
PCM OUT
8 MHz
8 MHz
PCM IN
8
ITS03769
MTSL
CLK
CLK
MTSL
8192 kHz


Similar Part No. - PEB2047-NV2.1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PEB2045 SIEMENS-PEB2045 Datasheet
485Kb / 53P
   Memory Time Switch CMOS (MTSC)
PEB2045-N SIEMENS-PEB2045-N Datasheet
485Kb / 53P
   Memory Time Switch CMOS (MTSC)
PEB2045-P SIEMENS-PEB2045-P Datasheet
485Kb / 53P
   Memory Time Switch CMOS (MTSC)
More results

Similar Description - PEB2047-NV2.1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PEB2447 SIEMENS-PEB2447 Datasheet
1Mb / 51P
   Memory Time Switch Extended Large MTSXL
PEB2045 SIEMENS-PEB2045 Datasheet
485Kb / 53P
   Memory Time Switch CMOS (MTSC)
logo
Dallas Semiconductor
DS1994 DALLAS-DS1994 Datasheet
254Kb / 22P
   4kb Plus Time Memory iButton
logo
Zarlink Semiconductor I...
MT90820 ZARLINK-MT90820 Datasheet
573Kb / 37P
   Large Digital Switch
logo
Dallas Semiconductor
DS2404S-C01 DALLAS-DS2404S-C01 Datasheet
52Kb / 2P
   Dual Port Memory Plus Time
logo
Omron Electronics LLC
H5S OMRON-H5S Datasheet
4Mb / 27P
   Digital Time Switch
logo
Extech Instruments Corp...
375475 EXTECH-375475 Datasheet
128Kb / 1P
   Programmable Time Switch
logo
Allegro MicroSystems
A1101 ALLEGRO-A1101_08 Datasheet
303Kb / 12P
   Continuous-Time Switch
logo
ATMEL Corporation
AT27C010-70JU ATMEL-AT27C010-70JU Datasheet
790Kb / 13P
   One-time Programmable, Read-only Memory
logo
Mitel Networks Corporat...
MT90823 MITEL-MT90823 Datasheet
150Kb / 34P
   3V Large Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com