Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRM-37XXM Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # IRM-37XXM
Description  Infrared Receiver Control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IRM-37XXM Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  IRM-37XXM Datasheet HTML 1Page - Everlight Electronics Co., Ltd IRM-37XXM Datasheet HTML 2Page - Everlight Electronics Co., Ltd IRM-37XXM Datasheet HTML 3Page - Everlight Electronics Co., Ltd IRM-37XXM Datasheet HTML 4Page - Everlight Electronics Co., Ltd IRM-37XXM Datasheet HTML 5Page - Everlight Electronics Co., Ltd IRM-37XXM Datasheet HTML 6Page - Everlight Electronics Co., Ltd IRM-37XXM Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2010-04-14 05:43:36.0
Infrared Receiver Control
Receiver Module
IRM-37xxM series
Everlight Electronics Co., Ltd.
4
http://www.everlight.com
Document No: DMO-0000161
Rev.1
April 9, 2010
Test method
The specified electro-optical characteristics are valid under the following conditions.
1. Measurement environment
A place without extreme light reflections.
2. External light
The environment contains an ordinary, white fluorescent lamp without high frequency modulation. The
color temperature is 2856K and the illumination at the IR receiver is less than 10 Lux (Ev 10Lux
).
3. Standard transmitter
The test transmitter is calibrated by using the circuit shown in figure 2. The radiation intensity of the
transmitter is adjusted until Vo=400mVp-p. Both, the test transmitter and the photo diode, have a peak
wavelength of 940nm. The photo diode for calibration is PD438B (λp=940nm, Vr=5V).
4. The measurement system is shown in Fig.-3
Fig.-1 Transmitter Wave Form
D.U.T output Pulse
Fig.-2 standard transmitter calibration
Fig.-3
Measuring System


Similar Part No. - IRM-37XXM

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-37XXM3 EVERLIGHT-IRM-37XXM3 Datasheet
350Kb / 7P
   Infrared Receiver Module
More results

Similar Description - IRM-37XXM

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-36XXC EVERLIGHT-IRM-36XXC Datasheet
693Kb / 7P
   Infrared Receiver Control
IRM-36XXM EVERLIGHT-IRM-36XXM Datasheet
297Kb / 8P
   Infrared Receiver Control
EAIRMHA1 EVERLIGHT-EAIRMHA1 Datasheet
752Kb / 9P
   Infrared Receiver Control Receiver Module
EAIRMIA3 EVERLIGHT-EAIRMIA3 Datasheet
530Kb / 8P
   Infrared Receiver Control Receiver Module
EAIRMLA1 EVERLIGHT-EAIRMLA1 Datasheet
679Kb / 9P
   Infrared Receiver Control Receiver Module
EAIRMLA3 EVERLIGHT-EAIRMLA3 Datasheet
606Kb / 10P
   Infrared Receiver Control Receiver Module
EAIRMLA2 EVERLIGHT-EAIRMLA2 Datasheet
699Kb / 9P
   Infrared Receiver Control Receiver Module
EAIRMMA0 EVERLIGHT-EAIRMMA0 Datasheet
597Kb / 8P
   Infrared Receiver Control Receiver Module
EAIRMIA0 EVERLIGHT-EAIRMIA0 Datasheet
712Kb / 9P
   Infrared Receiver Control Receiver Module
EAIRMJA0 EVERLIGHT-EAIRMJA0 Datasheet
601Kb / 8P
   Infrared Receiver Control Receiver Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com