Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRM-37XXM Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # IRM-37XXM
Description  Infrared Receiver Control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IRM-37XXM Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  IRM-37XXM Datasheet HTML 1Page - Everlight Electronics Co., Ltd IRM-37XXM Datasheet HTML 2Page - Everlight Electronics Co., Ltd IRM-37XXM Datasheet HTML 3Page - Everlight Electronics Co., Ltd IRM-37XXM Datasheet HTML 4Page - Everlight Electronics Co., Ltd IRM-37XXM Datasheet HTML 5Page - Everlight Electronics Co., Ltd IRM-37XXM Datasheet HTML 6Page - Everlight Electronics Co., Ltd IRM-37XXM Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2010-04-14 05:43:36.0
Infrared Receiver Control
Receiver Module
IRM-37xxM series
Everlight Electronics Co., Ltd.
3
http://www.everlight.com
Document No: DMO-0000161
Rev.1
April 9, 2010
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Rating
Unit
Supply Voltage
Vcc
6
V
Operating Temperature
Topr
-20 ~ +80
Storage Temperature
Tstg
-40 ~ +85
Soldering Temperature
*1
Tsol
260
*1 4mm from mold body for less than 10 seconds
Electro-Optical Characteristics (Ta=25℃, Vcc=3V)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Condition
Current consumption
Icc
---
0.4
0.6
mA
No input signal
Supply voltage
VCC
2.7
-
5.5
V
Peak wavelength
λp
---
940
---
nm
L0
14
---
---
Reception range
L45
6
---
---
m
Half angle(horizontal)
φh
---
±35
---
deg
Half angle(vertical)
φv
---
±35
---
deg
See chapter
‚Test method’
High level pulse width
TH
450
---
700
μs
Low level pulse width
TL
500
---
750
μs
Test signal
according to
figure 1
High level output voltage
VOH
Vcc-0.4
---
---
V
ISOURCE≦1μA
Low level output voltage
VOL
---
0.2
0.5
V
ISINK≦2mA
Internal pull up resistor
RPU
85
100
115


Similar Part No. - IRM-37XXM

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-37XXM3 EVERLIGHT-IRM-37XXM3 Datasheet
350Kb / 7P
   Infrared Receiver Module
More results

Similar Description - IRM-37XXM

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-36XXC EVERLIGHT-IRM-36XXC Datasheet
693Kb / 7P
   Infrared Receiver Control
IRM-36XXM EVERLIGHT-IRM-36XXM Datasheet
297Kb / 8P
   Infrared Receiver Control
EAIRMHA1 EVERLIGHT-EAIRMHA1 Datasheet
752Kb / 9P
   Infrared Receiver Control Receiver Module
EAIRMIA3 EVERLIGHT-EAIRMIA3 Datasheet
530Kb / 8P
   Infrared Receiver Control Receiver Module
EAIRMLA1 EVERLIGHT-EAIRMLA1 Datasheet
679Kb / 9P
   Infrared Receiver Control Receiver Module
EAIRMLA3 EVERLIGHT-EAIRMLA3 Datasheet
606Kb / 10P
   Infrared Receiver Control Receiver Module
EAIRMLA2 EVERLIGHT-EAIRMLA2 Datasheet
699Kb / 9P
   Infrared Receiver Control Receiver Module
EAIRMMA0 EVERLIGHT-EAIRMMA0 Datasheet
597Kb / 8P
   Infrared Receiver Control Receiver Module
EAIRMIA0 EVERLIGHT-EAIRMIA0 Datasheet
712Kb / 9P
   Infrared Receiver Control Receiver Module
EAIRMJA0 EVERLIGHT-EAIRMJA0 Datasheet
601Kb / 8P
   Infrared Receiver Control Receiver Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com