Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRM-3638C Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # IRM-3638C
Description  Infrared Receiver Control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IRM-3638C Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  IRM-3638C Datasheet HTML 1Page - Everlight Electronics Co., Ltd IRM-3638C Datasheet HTML 2Page - Everlight Electronics Co., Ltd IRM-3638C Datasheet HTML 3Page - Everlight Electronics Co., Ltd IRM-3638C Datasheet HTML 4Page - Everlight Electronics Co., Ltd IRM-3638C Datasheet HTML 5Page - Everlight Electronics Co., Ltd IRM-3638C Datasheet HTML 6Page - Everlight Electronics Co., Ltd IRM-3638C Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Infrared Receiver Control
Receiver Module
IRM-36xxC series
Everlight Electronics Co., Ltd.
1
http://www.everlight.com
Document No: DMO-0000211
Rev. 3
November
1 ,2011
Features
‧ High protection ability against EMI
‧ Circular lens for improved reception characteristics
‧ Min burst length: 400us
‧ Min gap length: 450us
‧ Low operating voltage (Vcc = 2.5V)
‧ High immunity against ambient light
‧ Long reception range
‧ High sensitivity
‧ Pb free and RoHS compliant
Description
The IRM-36xxC devices are miniature type infrared
receivers which have been developed and designed
by using the latest IC technology, with high immunity
against optical interferences and power supply noise.
The photo diode and preamplifier are assembled onto
a lead frame and molded into an epoxy package
which operates as an IR filter.
The demodulated output signal can directly be
decoded by a microprocessor.
Applications
• AV equipment such as TV, VCR, DVD, CD, MD, etc.
• Toy applications
• CATV set top boxes
• Multi-media Equipment
Application Circuit
Block Diagram
The RC Filter must be connected as close as possible to
Vcc and GND pins.
1
2
3
Pin Configuration
1. OUT
2. GND
3. VCC


Similar Part No. - IRM-3638C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-3638 EVERLIGHT-IRM-3638 Datasheet
230Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3638A EVERLIGHT-IRM-3638A Datasheet
219Kb / 10P
   Infrared Remote-control Receiver Module
IRM-3638AF4 EVERLIGHT-IRM-3638AF4 Datasheet
235Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3638B EVERLIGHT-IRM-3638B Datasheet
275Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3638BS28-P EVERLIGHT-IRM-3638BS28-P Datasheet
267Kb / 10P
   Infrared Remote-control Receiver Module
More results

Similar Description - IRM-3638C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-37XXM EVERLIGHT-IRM-37XXM Datasheet
320Kb / 7P
   Infrared Receiver Control
IRM-36XXM EVERLIGHT-IRM-36XXM Datasheet
297Kb / 8P
   Infrared Receiver Control
EAIRMHA1 EVERLIGHT-EAIRMHA1 Datasheet
752Kb / 9P
   Infrared Receiver Control Receiver Module
EAIRMIA3 EVERLIGHT-EAIRMIA3 Datasheet
530Kb / 8P
   Infrared Receiver Control Receiver Module
EAIRMLA1 EVERLIGHT-EAIRMLA1 Datasheet
679Kb / 9P
   Infrared Receiver Control Receiver Module
EAIRMLA3 EVERLIGHT-EAIRMLA3 Datasheet
606Kb / 10P
   Infrared Receiver Control Receiver Module
EAIRMLA2 EVERLIGHT-EAIRMLA2 Datasheet
699Kb / 9P
   Infrared Receiver Control Receiver Module
EAIRMMA0 EVERLIGHT-EAIRMMA0 Datasheet
597Kb / 8P
   Infrared Receiver Control Receiver Module
EAIRMIA0 EVERLIGHT-EAIRMIA0 Datasheet
712Kb / 9P
   Infrared Receiver Control Receiver Module
EAIRMJA0 EVERLIGHT-EAIRMJA0 Datasheet
601Kb / 8P
   Infrared Receiver Control Receiver Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com