Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR204C-A Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # IR204C-A
Description  3mm Infrared LED , T-1
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IR204C-A Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  IR204C-A Datasheet HTML 1Page - Everlight Electronics Co., Ltd IR204C-A Datasheet HTML 2Page - Everlight Electronics Co., Ltd IR204C-A Datasheet HTML 3Page - Everlight Electronics Co., Ltd IR204C-A Datasheet HTML 4Page - Everlight Electronics Co., Ltd IR204C-A Datasheet HTML 5Page - Everlight Electronics Co., Ltd IR204C-A Datasheet HTML 6Page - Everlight Electronics Co., Ltd IR204C-A Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 4 of 7
Device No:DIR-020-051
Prepared date:07-25-2005
Prepared by:Jaine Tsai
0
-40
-20
40
20
060
100
80
20
40
60
100
80
120
140
75
-25
0
25
50
100
900
920
940
960
980
0
10
10
1
10
2
3
10
4
12
3
4
0
20
40
60
80
100
IF=20mA
Ta=25°C
IR204C-A
Typical Electro-Optical Characteristics Curves
Fig.1 Forward Current vs.
Fig.2 Spectral Distribution
Ambient Temperature
Fig.3
Peak Emission Wavelength
Fig.4
Forward Current
Ambient Temperature
vs. Forward Voltage


Similar Part No. - IR204C-A

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR204C-A EVERLIGHT-IR204C-A_15 Datasheet
267Kb / 8P
   3mm Infrared LED
More results

Similar Description - IR204C-A

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR204 EVERLIGHT-HIR204_05 Datasheet
184Kb / 7P
   3mm Infrared LED , T-1
SIR204C EVERLIGHT-SIR204C Datasheet
184Kb / 7P
   3mm Infrared LED , T-1
EAILP03RDKA1 EVERLIGHT-EAILP03RDKA1 Datasheet
236Kb / 8P
   3mm Infrared LED ,T-1
EAILP03RDAB3 EVERLIGHT-EAILP03RDAB3 Datasheet
345Kb / 6P
   3mm Infrared LED , T-1
EAILP03RDAB4 EVERLIGHT-EAILP03RDAB4 Datasheet
494Kb / 6P
   3mm Infrared LED , T-1
EAILP03RDAA0 EVERLIGHT-EAILP03RDAA0 Datasheet
272Kb / 8P
   3mm Infrared LED,T-1
IR204-A EVERLIGHT-IR204-A_06 Datasheet
174Kb / 7P
   3mm Infrared LED , T-1
SIR204-A EVERLIGHT-SIR204-A Datasheet
191Kb / 7P
   3mm Infrared LED, T-1
EAILP03RDAB0 EVERLIGHT-EAILP03RDAB0 Datasheet
236Kb / 8P
   3mm Infrared LED ,T-1
EAILP03RDKA0 EVERLIGHT-EAILP03RDKA0 Datasheet
336Kb / 8P
   3mm Infrared LED,T-1
HIR204C EVERLIGHT-HIR204C Datasheet
184Kb / 7P
   3mm Infrared LED, T-1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com