Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDBMH180-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBMH180-HF
Description  SMD Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBMH180-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDBMH180-HF Datasheet HTML 1Page - Comchip Technology CDBMH180-HF Datasheet HTML 2Page - Comchip Technology CDBMH180-HF Datasheet HTML 3Page - Comchip Technology CDBMH180-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
O
Maximum Ratings (at TA=25
C unless otherwise noted)
Parameter
Symbol
Unit
Max. Repetitive peak reverse voltage
Max. Continuous reverse voltage
Max. RMS voltage
Maximum Instantaneous forward
voltage at IF=1.0A
Max. Forward surge current, 8.3ms single
half sine-wave superimposed on rated
load (JEDEC method)
Max.Reverse current
VR=VRRM TJ=25°C
Typ. Thermal resistance (Junction to case)
Typ. Diode Junction capacitance (Note 1)
Reverse Voltage: 20 to 150 Volts
Forward Current: 1.0 Amp
RoHS Device
Dimensions in inches and (millimeter)
CDBMH120-HF Thru. CDBMH1150-HF
Page 1
QW-JB016
SMD Schottky Barrier Rectifiers
REV:A
Comchip Technology CO., LTD.
SOD-123T
0.154(3.9)
0.138(3.5)
0.012(0.3) Typ.
0.071(1.8)
0.055(1.4)
0.067(1.7)
0.051(1.3)
0.039(1.0)
0.094(2.4)
VRRM
VR
VRMS
IO
VF
IFSM
IR
RθJC
CJ
TJ
CDBMH
120-HF
CDBMH
140-HF
CDBMH
160-HF
CDBMH
180-HF
CDBMH
1150-HF
20
20
14
40
40
28
60
60
42
1.0
0.70
30
0.2
10
45
80
80
56
100
100
70
V
V
V
A
V
A
mA
°C/W
0.50
0.85
Note :
Operating temperature
Storage temperature range
TSTG
-65 to +175
°C
-55 to +125
-55 to +150
120
pF
CDBMH
130-HF
30
30
21
CDBMH
150-HF
50
50
35
0.079(2.0)
0.024(0.6)
0.008(0.20) Typ.
0.044(1.10)
0.028(0.70)
0.035(0.9)
0.063(1.6)
0.047(1.2)
0.020(0.5)
0.037(0.95)
0.030(0.75)
0.051(1.3)
0.035(0.9)
0.024(0.6) Typ.
1. F=1MHz and applied 4V DC reverse voltage
VR=VRRM TJ=100°C
IR
CDBMH
1100-HF
150
150
105
Max. averaged forward current (see fig.1)
0.92
°C
Halogen Free
Mechanical data
-Case: Molded plastic, SOD-123T/Mini SMA.
-Terminals: Solderable per MIL-STD-750,
method 2026.
-Polarity: Indicated by cathode band.
-Weight: 0.018 grams approx.
Features
-Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
-Low profile surface mounted application in order to
optimize board space.
-Low power loss, high efficiency.
-High current capability, low forward voltage drop.
-High surge capability.
-Guardring for overvoltage protection.
-Ultra high-speed switching.
-Silicon epitaxial planar chip, metal silicon junction.
-Lead-free parts meet environmental standards of
MIL-STD-19500/228
-Heat sink bottom.


Similar Part No. - CDBMH180-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBMH180-G COMCHIP-CDBMH180-G Datasheet
101Kb / 4P
   SMD Schottky Barrier Rectifiers
More results

Similar Description - CDBMH180-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBZ320200-HF COMCHIP-CDBZ320200-HF Datasheet
480Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBAT320-HF COMCHIP-CDBAT320-HF_15 Datasheet
661Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBMHS240-HF COMCHIP-CDBMHS240-HF Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
SL22B DSK-SL22B Datasheet
93Kb / 2P
   SMD SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
   SMD Schottky Barrier Rectifiers
CDBA120-HF COMCHIP-CDBA120-HF Datasheet
69Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBA260-HF COMCHIP-ACDBA260-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBC540-HF COMCHIP-ACDBC540-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBM120-HF COMCHIP-CDBM120-HF_12 Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com