Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDBM280-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBM280-G
Description  SMD Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBM280-G Datasheet(HTML) 1 Page - Comchip Technology

  CDBM280-G Datasheet HTML 1Page - Comchip Technology CDBM280-G Datasheet HTML 2Page - Comchip Technology CDBM280-G Datasheet HTML 3Page - Comchip Technology CDBM280-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Maximum Ratings (at TA=25°C unless otherwise noted)
Reverse Voltage: 20 to 100 Volts
Forward Current: 2.0 Amp
RoHS Device
Dimensions in inches and (millimeter)
CDBM220-G Thru. CDBM2100-G
Page 1
QW-BB008
SMD Schottky Barrier Rectifiers
REV:C
Comchip Technology CO., LTD.
Features
-Ideal for surface mount applications.
-Easy pick and place.
-Plastic package has Underwriters Lab.
flammability classification 94V-0.
-Exceeds environmental standard MIL-S-
19500/228.
-Low leakage current.
Mechanical data
-Case: Molded plastic, JEDEC Mini SMA/
.
SOD-123
-Terminals: Solderable per MIL-STD-750, method
2026.
-Polarity: Indicated by cathode band.
-Weight: 0.018 grams approx.
Mini SMA/SOD-123
0.154(3.90)
0.138(3.50)
0.012(0.30) Typ.
0.071(1.90)
0.055(1.50)
0.067(1.70)
0.051(1.30)
0.028(0.70) Typ.
0.028(0.70) Typ.
Unit
CDBM
260-G
CDBM
280-G
14
20
30
21
30
60
42
60
50
0.5
10
85
160
80
56
80
CDBM
230-G
Parameter
Symbol
CDBM
220-G
20
CDBM
2100-G
100
70
100
28
40
50
35
50
CDBM
250-G
CDBM
240-G
40
Repetitive peak reverse voltage
Maximum RMS voltage
Continuous reverse voltage
Forward voltage @IF=2.0A
Forward rectified current
VRRM
VRMS
VR
IO
2.0
Forward surge current, 8.3ms half sine wave
superimposed on rated load (JEDEC method)
Typ. thermal resistance, junction to ambient air
Typ. diode junction capacitance (Note 1)
Operating junction temperature
Storage temperature
IFSM
IR
RθJA
CJ
TJ
TSTG
Reverse current on VR=VRRM
@TA=25
O
C
@TA=125
O
C
Note 1: f=1MHz and applied 4V DC reverse voltage.
-55 to +125
-55 to +150
-65 to +175
V
V
V
V
A
A
mA
pF
O
C
O
C
O
C/W
0.50
0.85
VF
0.70


Similar Part No. - CDBM280-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBM280-G COMCHIP-CDBM280-G Datasheet
653Kb / 2P
   SMD Schottky Barrier Rectifiers
More results

Similar Description - CDBM280-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBZ320200-HF COMCHIP-CDBZ320200-HF Datasheet
480Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBAT320-HF COMCHIP-CDBAT320-HF_15 Datasheet
661Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBMHS240-HF COMCHIP-CDBMHS240-HF Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
SL22B DSK-SL22B Datasheet
93Kb / 2P
   SMD SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
   SMD Schottky Barrier Rectifiers
CDBA120-HF COMCHIP-CDBA120-HF Datasheet
69Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBA260-HF COMCHIP-ACDBA260-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBC540-HF COMCHIP-ACDBC540-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBM120-HF COMCHIP-CDBM120-HF_12 Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com