Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELSH-F31Y1-0LPNM-AA4A6 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # ELSH-F31Y1-0LPNM-AA4A6
Description  Small package with high efficiency
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSH-F31Y1-0LPNM-AA4A6 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  ELSH-F31Y1-0LPNM-AA4A6 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELSH-F31Y1-0LPNM-AA4A6 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELSH-F31Y1-0LPNM-AA4A6 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELSH-F31Y1-0LPNM-AA4A6 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELSH-F31Y1-0LPNM-AA4A6 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELSH-F31Y1-0LPNM-AA4A6 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSH-F31Y1-0LPNM-AA4A6 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSH-F31Y1-0LPNM-AA4A6 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELSH-F31Y1-0LPNM-AA4A6 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
DATASHEET
SMD HP Shuen
1W Series
3
Copyright © 2011, Everlight All Rights Reserved. Release Date: 11.07.2011. Issue No: DHE-0000751
www.everlight.com
Product Nomenclature
The product name is designated as below:
ELSH – ABCDE – FGHIJ – V1234
Designation:
AB = min.luminous flux (lm) or radiation power (mW) performance
C = radiation pattern [1]
D = color [2]
E = power consumption [3]
F = reserved for future product offerings
G = internal coding
H = packaging type [4]
IJ = internal coding
V = forward voltage bin
1234 = color bin or CCT bin
Notes
1.
Table of radiation patterns
Symbol
Description
1
Lambertian
2.
Table of color offerings:
Symbol
Color
Dominant wavelength range/Peak wavelength/CCT
R
Red
620~635nm
O
Orange
610~620nm
Y
Amber
580~595nm
G
Green
520~550nm
B
Blue
450~470nm
L
Royal-Blue
445~460nm
C
Cool-White
4745~7050K
N
Neutral-White
3710~4745K
M
Warm-White
2580~3710K
E
Deep-Red
645~675nm
F
Far-Red
715~745nm
3.
Table of power consumptions:
Symbol
Description
1
1W
4.
Table of packaging types:
Symbol
Description
P
Tape


Similar Part No. - ELSH-F31Y1-0LPNM-AA4A6

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSH-F31Y1-0LPNM-AA4A6 EVERLIGHT-ELSH-F31Y1-0LPNM-AA4A6 Datasheet
1Mb / 46P
   LM-80 Certified
More results

Similar Description - ELSH-F31Y1-0LPNM-AA4A6

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EZHV-F61M1 EVERLIGHT-EZHV-F61M1 Datasheet
993Kb / 27P
   Small package with high efficiency
ELSH-J51CX EVERLIGHT-ELSH-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
ELSWD-J21CX EVERLIGHT-ELSWD-J21CX Datasheet
883Kb / 26P
   Small package with high efficiency
ELSW-F81CX EVERLIGHT-ELSW-F81CX Datasheet
1Mb / 39P
   Small package with high efficiency
EZHV-K21M4 EVERLIGHT-EZHV-K21M4 Datasheet
999Kb / 27P
   Small package with high efficiency
ELSW-J51CX EVERLIGHT-ELSW-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
EAIST3045A0 EVERLIGHT-EAIST3045A0 Datasheet
399Kb / 9P
   Small package with high efficiency
ELCH06-BJ4J6Z10-N0 EVERLIGHT-ELCH06-BJ4J6Z10-N0 Datasheet
393Kb / 12P
   Small & compact package and with high efficiency
EAFL2016W33A0 EVERLIGHT-EAFL2016W33A0 Datasheet
572Kb / 12P
   Small & compact package and with high efficiency
EHP-69-GT01C-P01-TR EVERLIGHT-EHP-69-GT01C-P01-TR Datasheet
438Kb / 12P
   Small & compact package and with high efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com