Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIR204C-H0 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # HIR204C-H0
Description  3mm Infrared LED, T-1
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

HIR204C-H0 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  HIR204C-H0 Datasheet HTML 1Page - Everlight Electronics Co., Ltd HIR204C-H0 Datasheet HTML 2Page - Everlight Electronics Co., Ltd HIR204C-H0 Datasheet HTML 3Page - Everlight Electronics Co., Ltd HIR204C-H0 Datasheet HTML 4Page - Everlight Electronics Co., Ltd HIR204C-H0 Datasheet HTML 5Page - Everlight Electronics Co., Ltd HIR204C-H0 Datasheet HTML 6Page - Everlight Electronics Co., Ltd HIR204C-H0 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 3
Page: 6 of 7
Device No:DIH-020-053
Prepared date:07-20-2005
Prepared by:JAINE TSAI
HIR204C/H0
Reliability Test Item And Condition
The reliability of products shall be satisfied with items listed below.
Confidence level:90%
LTPD:10%
NO. Item
Test Conditions
Test Hours/
Cycles
Sample
Sizes
Failure
Judgement
Criteria
Ac/Re
1
Solder Heat
TEMP.:260℃±5℃
10secs
22pcs
0/1
2
Temperature Cycle H : +100℃
15mins
5mins
L : -40℃
15mins
300Cycles
22pcs
0/1
3
Thermal Shock
H :+100℃
5mins
10secs
L :-10℃
5mins
300Cycles
22pcs
0/1
4
High Temperature
Storage
TEMP.:+100℃
1000hrs
22pcs
0/1
5
Low Temperature
Storage
TEMP.:-40℃
1000hrs
22pcs
0/1
6
DC Operating Life
IF=20mA
1000hrs
22pcs
0/1
7
High Temperature/
High Humidity
85℃ / 85% R.H
1000hrs
22pcs
IR≧U×2
Ee≦L×0.8
VF≧U×1.2
U:Upper
Specification
Limit
L:Lower
Specification
Limit
0/1


Similar Part No. - HIR204C-H0

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR204C-H0 EVERLIGHT-HIR204C-H0_15 Datasheet
239Kb / 8P
   3mm Infrared LED
More results

Similar Description - HIR204C-H0

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR204 EVERLIGHT-HIR204_05 Datasheet
184Kb / 7P
   3mm Infrared LED , T-1
SIR204C EVERLIGHT-SIR204C Datasheet
184Kb / 7P
   3mm Infrared LED , T-1
EAILP03RDKA1 EVERLIGHT-EAILP03RDKA1 Datasheet
236Kb / 8P
   3mm Infrared LED ,T-1
EAILP03RDAB3 EVERLIGHT-EAILP03RDAB3 Datasheet
345Kb / 6P
   3mm Infrared LED , T-1
EAILP03RDAB4 EVERLIGHT-EAILP03RDAB4 Datasheet
494Kb / 6P
   3mm Infrared LED , T-1
EAILP03RDAA0 EVERLIGHT-EAILP03RDAA0 Datasheet
272Kb / 8P
   3mm Infrared LED,T-1
IR204-A EVERLIGHT-IR204-A_06 Datasheet
174Kb / 7P
   3mm Infrared LED , T-1
SIR204-A EVERLIGHT-SIR204-A Datasheet
191Kb / 7P
   3mm Infrared LED, T-1
EAILP03RDAB0 EVERLIGHT-EAILP03RDAB0 Datasheet
236Kb / 8P
   3mm Infrared LED ,T-1
EAILP03RDKA0 EVERLIGHT-EAILP03RDKA0 Datasheet
336Kb / 8P
   3mm Infrared LED,T-1
HIR204C EVERLIGHT-HIR204C Datasheet
184Kb / 7P
   3mm Infrared LED, T-1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com