Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP190A-G Datasheet(PDF) 2 Page - Comchip Technology

Part # 5KP190A-G
Description  5000W Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

5KP190A-G Datasheet(HTML) 2 Page - Comchip Technology

  5KP190A-G Datasheet HTML 1Page - Comchip Technology 5KP190A-G Datasheet HTML 2Page - Comchip Technology 5KP190A-G Datasheet HTML 3Page - Comchip Technology 5KP190A-G Datasheet HTML 4Page - Comchip Technology 5KP190A-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RATING AND CHARACTERISTIC (5KP-G Series)
Page 2
QW-BTV08
REV:B
VRWM
VBR Max.
IT
IFSM
( V )
( V )
( mA )
(A)@8.3mS
( V )
IPPM (A)
5KP5.0-G
5.0
6.40
7.30
10
500
9.6
520.83
800
5KP5.0A-G
5.0
6.40
7.00
10
500
9.2
543.48
800
5KP6.0-G
6.0
6.67
8.15
10
500
11.4
438.60
800
5KP6.0A-G
6.0
6.67
7.37
10
500
10.3
485.44
800
5KP6.5-G
6.5
7.22
8.82
10
500
12.3
406.50
500
5KP6.5A-G
6.5
7.22
7.98
10
500
11.2
446.43
500
5KP7.0-G
7.0
7.78
9.51
10
500
13.3
375.94
200
5KP7.0A-G
7.0
7.78
8.60
10
500
12.0
416.67
200
5KP7.5-G
7.5
8.33
10.20
1.0
500
14.3
349.65
100
5KP7.5A-G
7.5
8.33
9.21
1.0
500
12.9
387.60
100
5KP8.0-G
8.0
8.89
10.90
1.0
500
15.0
333.33
50
5KP8.0A-G
8.0
8.89
9.83
1.0
500
13.6
367.65
50
5KP8.5-G
8.5
9.44
11.50
1.0
500
15.9
314.47
20
5KP8.5A-G
8.5
9.44
10.40
1.0
500
14.4
347.22
20
5KP9.0-G
9.0
10.00
12.20
1.0
500
16.9
295.86
10
5KP9.0A-G
9.0
10.00
11.10
1.0
500
15.4
324.68
10
5KP10-G
10.0
11.10
13.60
1.0
500
18.8
265.96
5
5KP10A-G
10.0
11.10
12.30
1.0
500
17.0
294.12
5
5KP11-G
11.0
12.20
14.90
1.0
500
20.1
248.76
5
5KP11A-G
11.0
12.20
13.50
1.0
500
18.2
274.73
5
5KP12-G
12.0
13.30
16.30
1.0
500
22.0
227.27
5
5KP12A-G
12.0
13.30
14.70
1.0
500
19.9
251.26
5
5KP13-G
13.0
14.40
17.60
1.0
500
23.8
210.08
5
5KP13A-G
13.0
14.40
15.90
1.0
500
21.5
232.56
5
5KP14-G
14.0
15.60
19.10
1.0
500
25.8
193.80
5
5KP14A-G
14.0
15.60
17.20
1.0
500
23.2
215.52
5
5KP15-G
15.0
16.70
20.40
1.0
500
26.9
185.87
5
5KP15A-G
15.0
16.70
18.50
1.0
500
24.4
204.92
5
5KP16-G
16.0
17.80
21.80
1.0
500
28.8
173.61
5
5KP16A-G
16.0
17.80
19.70
1.0
500
26.0
192.31
5
5KP17-G
17.0
18.90
23.10
1.0
500
30.5
163.93
5
5KP17A-G
17.0
18.90
20.90
1.0
500
27.6
181.16
5
5KP18-G
18.0
20.00
24.40
1.0
500
32.2
155.28
5
5KP18A-G
18.0
20.00
22.10
1.0
500
29.2
171.23
5
5KP20-G
20.0
22.20
27.10
1.0
500
35.8
139.66
5
5KP20A-G
20.0
22.20
24.50
1.0
500
32.4
154.32
5
5KP22-G
22.0
24.40
29.80
1.0
500
39.4
126.90
5
5KP22A-G
22.0
24.40
26.90
1.0
500
35.5
140.85
5
5KP24-G
24.0
26.70
32.60
1.0
500
43.0
116.28
5
5KP24A-G
24.0
26.70
29.50
1.0
500
38.9
128.53
5
5KP26-G
26.0
28.90
35.30
1.0
500
46.6
107.30
5
5KP26A-G
26.0
28.90
31.90
1.0
500
42.1
118.76
5
5KP28-G
28.0
31.10
38.00
1.0
500
50.1
100.00
5
5KP28A-G
28.0
31.10
34.40
1.0
500
45.4
110.13
5
Part No.
Absolute Maximum Rating (Ta=25
O C)
Electrical Characteristics (Ta=25
Max. Vc @IPPM
Max. IR @VRWM
uA
5KP5.0C-G
5KP5.0CA-G
5KP6.0C-G
5KP6.0CA-G
5KP6.5C-G
5KP6.5CA-G
5KP7.0C-G
5KP7.0CA-G
5KP7.5C-G
5KP7.5CA-G
5KP8.0C-G
5KP8.0CA-G
5KP8.5C-G
5KP8.5CA-G
5KP9.0C-G
5KP9.0CA-G
5KP10C-G
5KP10CA-G
5KP11C-G
5KP11CA-G
5KP12C-G
5KP12CA-G
5KP13C-G
5KP13CA-G
5KP14C-G
5KP14CA-G
5KP15C-G
5KP15CA-G
5KP16C-G
5KP16CA-G
5KP17C-G
5KP17CA-G
5KP18C-G
5KP18CA-G
5KP20C-G
5KP20CA-G
5KP22C-G
5KP22CA-G
5KP24C-G
5KP24CA-G
5KP26C-G
5KP26CA-G
5KP28C-G
5KP28CA-G
Uni
Bi
VBR Min.
Uni
Bi
5KP5.0
5KP5.0A
5KP6.0
5KP6.0A
5KP6.5
5KP6.5A
5KP7.0
5KP7.0A
5KP7.5
5KP7.5A
5KP8.0
5KP8.0A
5KP8.5
5KP8.5A
5KP9.0
5KP9.0A
5KP10
5KP10A
5KP11
5KP11A
5KP12
5KP12A
5KP13
5KP13A
5KP14
5KP14A
5KP15
5KP15A
5KP16
5KP16A
5KP17
5KP17A
5KP18
5KP18A
5KP20
5KP20A
5KP22
5KP22A
5KP24
5KP24A
5KP26
5KP26A
5KP28
5KP28A
5KP5.0C
5KP5.0CA
5KP6.0C
5KP6.0CA
5KP6.5C
5KP6.5CA
5KP7.0C
5KP7.0CA
5KP7.5C
5KP7.5CA
5KP8.0C
5KP8.0CA
5KP8.5C
5KP8.5CA
5KP9.0C
5KP9.0CA
5KP10C
5KP10CA
5KP11C
5KP11CA
5KP12C
5KP12CA
5KP13C
5KP13CA
5KP14C
5KP14CA
5KP15C
5KP15CA
5KP16C
5KP16CA
5KP17C
5KP17CA
5KP18C
5KP18CA
5KP20C
5KP20CA
5KP22C
5KP22CA
5KP24C
5KP24CA
5KP26C
5KP26CA
5KP28C
5KP28CA
( V )
5000W Transient Voltage Suppressor


Similar Part No. - 5KP190A-G

ManufacturerPart #DatasheetDescription
logo
Littelfuse
5KP190A-B LITTELFUSE-5KP190A-B Datasheet
143Kb / 5P
   Transient Voltage Suppression Diodes
logo
SeCoS Halbleitertechnol...
5KP190A-C SECOS-5KP190A-C Datasheet
357Kb / 4P
   5000W Peak Power TVS
logo
Comchip Technology
5KP190A-HF COMCHIP-5KP190A-HF Datasheet
104Kb / 5P
   5000W Transient Voltage Suppressor
logo
Littelfuse
5KP190A-HR LITTELFUSE-5KP190A-HR Datasheet
1Mb / 7P
   The 5KP-HR High Reliability Series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
5KP190A-HRA LITTELFUSE-5KP190A-HRA Datasheet
1Mb / 7P
   The 5KP-HRA High Reliability Series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
More results

Similar Description - 5KP190A-G

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
5KP5.0 DIGITRON-5KP5.0 Datasheet
291Kb / 4P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
5KP-HF COMCHIP-5KP-HF Datasheet
104Kb / 5P
   5000W Transient Voltage Suppressor
logo
Won-Top Electronics
5KP120 WTE-5KP120 Datasheet
62Kb / 5P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
5KP LEIDITECH-5KP Datasheet
629Kb / 5P
   5000W Transient Voltage Suppressor
logo
Diodes Incorporated
5KP50CAS DIODES-5KP50CAS Datasheet
67Kb / 3P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
DS21504 Rev. H-2
logo
Won-Top Electronics
5KP WTE-5KP_06 Datasheet
71Kb / 6P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
5KP5 TAITRON-5KP5 Datasheet
202Kb / 6P
   5000W Transient Voltage Suppressor
logo
Comchip Technology
A5KP-G COMCHIP-A5KP-G Datasheet
105Kb / 5P
   5000W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
5KSMC10AH TSC-5KSMC10AH Datasheet
451Kb / 5P
   5000W, 10V- 40V Surface Mount Transient Voltage Suppressor
5.0SMDJ TSC-5.0SMDJ Datasheet
406Kb / 6P
   5000W, 16V - 100V Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com