Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EZHV-K21M4 Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # EZHV-K21M4
Description  Small package with high efficiency
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EZHV-K21M4 Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button EZHV-K21M4 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EZHV-K21M4 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EZHV-K21M4 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EZHV-K21M4 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EZHV-K21M4 Datasheet HTML 9Page - Everlight Electronics Co., Ltd EZHV-K21M4 Datasheet HTML 10Page - Everlight Electronics Co., Ltd EZHV-K21M4 Datasheet HTML 11Page - Everlight Electronics Co., Ltd EZHV-K21M4 Datasheet HTML 12Page - Everlight Electronics Co., Ltd EZHV-K21M4 Datasheet HTML 13Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
DATASHEET
SMD HP  EZHV
4W LED Series
9
Copyright © 2011, Everlight All Rights Reserved. Release Date: 10.27.2011. Issue No: DHE-0001541
www.everlight.com
Cool-White Bin Structure
Cool-White Bin Coordinates
6500K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
65K-1
0.312
0.339
65K-2
0.303
0.330
0.313
0.329
0.305
0.321
0.321
0.337
0.313
0.329
0.321
0.348
0.312
0.339
Reference Range: 6020~6500K
Reference Range: 6500~7050K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
65K-4
0.313
0.329
65K-3
0.305
0.321
0.315
0.319
0.307
0.311
0.322
0.326
0.315
0.319
0.321
0.337
0.313
0.329
Reference Range: 6020~6500K
Reference Range: 6500~7050K
5700K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
57K-1
0.329
0.354
57K-2
0.321
0.346
0.329
0.342
0.321
0.335
0.337
0.349
0.329
0.342
0.338
0.362
0.329
0.354
Reference Range: 5310~5700K
Reference Range: 5700~6020K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
57K-4
0.329
0.342
57K-3
0.321
0.335
0.329
0.331
0.322
0.324
0.337
0.337
0.329
0.331
0.337
0.349
0.329
0.342
Reference Range: 5310~5700K
Reference Range: 5700~6020K


Similar Part No. - EZHV-K21M4

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EZHV-F61M1 EVERLIGHT-EZHV-F61M1 Datasheet
993Kb / 27P
   Small package with high efficiency
EZHV-F61M1-1LPHS-F3000 EVERLIGHT-EZHV-F61M1-1LPHS-F3000 Datasheet
993Kb / 27P
   Small package with high efficiency
EZHV-F81C1 EVERLIGHT-EZHV-F81C1 Datasheet
993Kb / 27P
   Small package with high efficiency
EZHV-F81C1-1LPGS-F5700 EVERLIGHT-EZHV-F81C1-1LPGS-F5700 Datasheet
993Kb / 27P
   Small package with high efficiency
EZHV-F81C1-1LPGS-F6500 EVERLIGHT-EZHV-F81C1-1LPGS-F6500 Datasheet
993Kb / 27P
   Small package with high efficiency
More results

Similar Description - EZHV-K21M4

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSH-F81CX EVERLIGHT-ELSH-F81CX Datasheet
1Mb / 40P
   Small package with high efficiency
EZHV-F61M1 EVERLIGHT-EZHV-F61M1 Datasheet
993Kb / 27P
   Small package with high efficiency
ELSH-J51CX EVERLIGHT-ELSH-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
ELSWD-J21CX EVERLIGHT-ELSWD-J21CX Datasheet
883Kb / 26P
   Small package with high efficiency
ELSW-F81CX EVERLIGHT-ELSW-F81CX Datasheet
1Mb / 39P
   Small package with high efficiency
ELSW-J51CX EVERLIGHT-ELSW-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
EAIST3045A0 EVERLIGHT-EAIST3045A0 Datasheet
399Kb / 9P
   Small package with high efficiency
ELCH06-BJ4J6Z10-N0 EVERLIGHT-ELCH06-BJ4J6Z10-N0 Datasheet
393Kb / 12P
   Small & compact package and with high efficiency
EAFL2016W33A0 EVERLIGHT-EAFL2016W33A0 Datasheet
572Kb / 12P
   Small & compact package and with high efficiency
EHP-69-GT01C-P01-TR EVERLIGHT-EHP-69-GT01C-P01-TR Datasheet
438Kb / 12P
   Small & compact package and with high efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com