Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EZHV-K21M4 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # EZHV-K21M4
Description  Small package with high efficiency
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EZHV-K21M4 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button EZHV-K21M4 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EZHV-K21M4 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EZHV-K21M4 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EZHV-K21M4 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EZHV-K21M4 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EZHV-K21M4 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EZHV-K21M4 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EZHV-K21M4 Datasheet HTML 9Page - Everlight Electronics Co., Ltd EZHV-K21M4 Datasheet HTML 10Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
DATASHEET
SMD HP  EZHV
4W LED Series
6
Copyright © 2011, Everlight All Rights Reserved. Release Date: 10.27.2011. Issue No: DHE-0001541
www.everlight.com
PN of the EZHV 4W series : White LEDs
The table below is a list of part numbers for the Everlight EZHV 4W series HV LED. All parts listed match ANSI
binning standards. Bin offerings of 3000K , 5700k and 6500K
are listed and currently available. These clearly listed
binning options allow for proper design and implementation into lighting applications. The Order Codes below are
currently available EZHV 4W LEDs.
For Example:
If you order product using P/N EZHV-K21M4-2LPHS-F3000, you will be specifying:
Color
Variant
Radiation
Pattern
CRI
CCT
Forward
Voltage
(V)
Minimum
Luminous
Flux (lm)
Warm
White
Lambertian
80
30K-1 ~ 30K-2
~
30K-3 ~ 30K-4
95
– 99 (B3)
99
– 103 (B4)
103
– 107 (B5)
107
– 111 (B6)
250
EZHV 4W series LEDs at 40mA are listed below:
Color
Order Code of EZHV
Minimum
Luminous Flux
(lm)
CCT (K)
Wavelength
(nm)
CRI
(min)
Forward
Voltage
(V)
EZHV-K21M4-2LPHS-F3000
K2
250
30K-1~30K-4
80
F
95~111
K3
275
K4
300
K5
325
EZHV-K51C4-2LPGS-F5700
K5
325
57K-1~57K-4
70
K6
350
K7
375
K8
400
EZHV-K51C4-2LPGS-F6500
K5
325
65K-1~65K-4
K6
350
K7
375
K8
400
Notes:
1.
CRI measurement tolerance: ±2.
2.
Luminous flux measurement tolerance: ±10%.
3.
The data of luminous flux is measured at thermal pad=25
oC
Warm
White
3000
Cool
White
5700
Cool
White
6500


Similar Part No. - EZHV-K21M4

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EZHV-F61M1 EVERLIGHT-EZHV-F61M1 Datasheet
993Kb / 27P
   Small package with high efficiency
EZHV-F61M1-1LPHS-F3000 EVERLIGHT-EZHV-F61M1-1LPHS-F3000 Datasheet
993Kb / 27P
   Small package with high efficiency
EZHV-F81C1 EVERLIGHT-EZHV-F81C1 Datasheet
993Kb / 27P
   Small package with high efficiency
EZHV-F81C1-1LPGS-F5700 EVERLIGHT-EZHV-F81C1-1LPGS-F5700 Datasheet
993Kb / 27P
   Small package with high efficiency
EZHV-F81C1-1LPGS-F6500 EVERLIGHT-EZHV-F81C1-1LPGS-F6500 Datasheet
993Kb / 27P
   Small package with high efficiency
More results

Similar Description - EZHV-K21M4

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSH-F81CX EVERLIGHT-ELSH-F81CX Datasheet
1Mb / 40P
   Small package with high efficiency
EZHV-F61M1 EVERLIGHT-EZHV-F61M1 Datasheet
993Kb / 27P
   Small package with high efficiency
ELSH-J51CX EVERLIGHT-ELSH-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
ELSWD-J21CX EVERLIGHT-ELSWD-J21CX Datasheet
883Kb / 26P
   Small package with high efficiency
ELSW-F81CX EVERLIGHT-ELSW-F81CX Datasheet
1Mb / 39P
   Small package with high efficiency
ELSW-J51CX EVERLIGHT-ELSW-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
EAIST3045A0 EVERLIGHT-EAIST3045A0 Datasheet
399Kb / 9P
   Small package with high efficiency
ELCH06-BJ4J6Z10-N0 EVERLIGHT-ELCH06-BJ4J6Z10-N0 Datasheet
393Kb / 12P
   Small & compact package and with high efficiency
EAFL2016W33A0 EVERLIGHT-EAFL2016W33A0 Datasheet
572Kb / 12P
   Small & compact package and with high efficiency
EHP-69-GT01C-P01-TR EVERLIGHT-EHP-69-GT01C-P01-TR Datasheet
438Kb / 12P
   Small & compact package and with high efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com