Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELT3042(S)(TB)-V Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # ELT3042(S)(TB)-V
Description  4 PIN DIP ZERO CROSS TRIAC DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELT3042(S)(TB)-V Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button ELT3042(S)(TB)-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELT3042(S)(TB)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELT3042(S)(TB)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELT3042(S)(TB)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELT3042(S)(TB)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELT3042(S)(TB)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELT3042(S)(TB)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELT3042(S)(TB)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd ELT3042(S)(TB)-V Datasheet HTML 10Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
4 PIN DIP ZERO CROSS TRIAC DRIVER
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
6
http://www.everlight.com
Document No
:DPC-0000134
Rev. 1
March 2,2012
ELT304X Series
ELT306X Series
ELT308X Series
Figure 10. Static dv/dt Test Circuit & Waveform
Measurement Method
The high voltage pulse is set to the required VPEAK value and applied to the D.U.T. output side through the RC
circuit above. LED current is not applied. The waveform VT is monitored using a x100 scope probe. By varying
RTEST, the dv/dt (slope) is increased, until the D.U.T. is observed to trigger (waveform collapses). The dv/dt is
then decreased until the D.U.T. stops triggering. At this point, τRC is recorded and the dv/dt calculated.
For example, VPEAK = 600V for ELT306X series. The dv/dt value is calculated as follows:
VPEAK
0
Applied VT
Waveform
τRC
0.632 x VPEAK
0.632 x VPEAK
τ
RC
dv/dt =
50
10 k
D.U.T.
RTEST
High Voltage
CTEST
VT
A
K
T1
T2
Zero
0.63 x 600
τ
RC
dv/dt =
=
378
τ
RC


Similar Part No. - ELT3042(S)(TB)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELT3042 EVERLIGHT-ELT3042 Datasheet
863Kb / 14P
   4 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results

Similar Description - ELT3042(S)(TB)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELT304X EVERLIGHT-ELT304X_14 Datasheet
863Kb / 14P
   4 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X Datasheet
1Mb / 13P
   5 PIN DIP ZERO CROSS TRIAC DRIVER
EL303X EVERLIGHT-EL303X_17 Datasheet
945Kb / 14P
   5 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X Datasheet
340Kb / 13P
   6 PIN DIP ZERO CROSS TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X_15 Datasheet
631Kb / 13P
   6 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
logo
Motorola, Inc
MOC3081 MOTOROLA-MOC3081 Datasheet
291Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3061 MOTOROLA-MOC3061 Datasheet
290Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3041 MOTOROLA-MOC3041 Datasheet
292Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
logo
Fairchild Semiconductor
FOD410 FAIRCHILD-FOD410 Datasheet
292Kb / 12P
   6-Pin DIP Zero-Cross Triac Drivers
logo
Everlight Electronics C...
ELM304X EVERLIGHT-ELM304X Datasheet
430Kb / 12P
   4 PIN SOP ZERO CROSS TRIAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com