Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELW135 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # ELW135
Description  8 PIN DIP WIDE BODY HIGH SPEED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELW135 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  ELW135 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELW135 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELW135 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELW135 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELW135 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELW135 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELW135 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELW135 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELW135 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
8 PIN DIP WIDE BODY HIGH SPEED
1Mbit/s TRANSISTOR PHOTOCOUPLER
Everlight Electronics Co., Ltd.
5
http://www.everlight.com
Document No
:DPC-0000108
Rev.1
August 2, 2011
ELW135 ELW136
ELW4503
Switching Characteristics (TA=0 to 70°C unless specified otherwise, IF=16mA, Vcc=5V)
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Conditions
Propagation
Delay Time to
Logic Low
(Fig.8)
ELW135
TPHL
-
0.36
1.5
µs
RL=4.1K , TA=25°C
-
-
2.0
RL=4.1K
ELW136
ELW4503
-
0.32
0.8
RL=1.9K , TA=25°C
-
-
1.0
RL=1.9K
Propagation
Delay Time to
Logic High
(Fig.8)
ELW135
TPLH
-
0.45
1.5
µs
RL=4.1K , TA=25°C
-
-
2.0
RL=4.1K
ELW136
ELW4503
-
0.25
0.8
RL=1.9K , TA=25°C
-
-
1.0
RL=1.9K
Common Mode
Transient
Immunity at
Logic High
(Fig.9)
*3
ELW135
CMH
1,000
-
-
V/µs
IF = 0mA , VCM=10Vp-p,
RL=4.1K , TA =25°C
ELW136
1,000
-
-
IF = 0mA , VCM=10Vp-p,
RL=1.9K , TA =25°C
ELW4503
15,000
20,000
IF = 0mA , VCM=1500Vp-p,
RL=1.9K , TA =25°C
Common Mode
Transient
Immunity at
Logic Low
(Fig.9)*3
ELW135
CML
1,000
-
-
V/µs
IF = 0mA , VCM=10Vp-p,
RL=4.1K , TA =25°C
ELW136
1,000
-
-
IF = 0mA , VCM=10Vp-p,
RL=1.9K , TA =25°C
ELW4503
15,000
20,000
IF = 0mA , VCM=1500Vp-p,
RL=1.9K , TA =25°C
* Typical values at TA = 25°C


Similar Part No. - ELW135

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELW135 EVERLIGHT-ELW135 Datasheet
703Kb / 13P
   8 PIN DIP WIDE BODY HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
ELW135 EVERLIGHT-ELW135_13 Datasheet
703Kb / 13P
   8 PIN DIP WIDE BODY HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
More results

Similar Description - ELW135

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELW137 EVERLIGHT-ELW137 Datasheet
577Kb / 14P
   8 PIN DIP WIDE BODY HIGH SPEED
ELW135 EVERLIGHT-ELW135_13 Datasheet
703Kb / 13P
   8 PIN DIP WIDE BODY HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
ELW137 EVERLIGHT-ELW137_13 Datasheet
715Kb / 14P
   8 PIN DIP WIDE BODY HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
logo
Fairchild Semiconductor
CNW138 FAIRCHILD-CNW138 Datasheet
126Kb / 8P
   8-PIN WIDE BODY, HIGH-GAIN OPTOCOUPLERS
logo
ON Semiconductor
6N135M ONSEMI-6N135M Datasheet
522Kb / 16P
   8-Pin DIP High Speed Transistor Optocouplers
September, 2021 - Rev. 2
logo
Everlight Electronics C...
EL450X EVERLIGHT-EL450X Datasheet
981Kb / 14P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
6N135 EVERLIGHT-6N135 Datasheet
981Kb / 14P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
6N136M-V EVERLIGHT-6N136M-V Datasheet
1Mb / 13P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
logo
ISOCOM COMPONENTS
ICPL4502 ISOCOM-ICPL4502_09 Datasheet
441Kb / 13P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
logo
Sharp Corporation
PC923L SHARP-PC923L Datasheet
322Kb / 18P
   High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com