Part Name
         Description
ELSW-F71M1-0LPGS-C3000

 Small package with high efficiency ( 39 Page)


EVERLIGHT
100% 
Zoom Out Zoom In
 7 page
background image
DATASHEET
SMD HP Shwo
1W Series
7
Copyright © 2011, Everlight All Rights Reserved. Release Date: 11.07.2011. Issue No: DHE-0001156
www.everlight.com
PN of the Shwo High Luminous Series: White LEDs
The table below is a list of part numbers for the Everlight Shwo 1W high luminous series White
LED. All parts listed match ANSI binning standards. Bin offerings of 2700K to 6500K are listed and
currently available. CRI is also listed with min 70 to 80. Typical view angle is 100°
. These clearly listed
binning options allow for proper design and implementation into lighting applications. The Order Codes
below are currently available White Shwo LEDs.
For Example: If you order product using P/N
ELSW-J11C1-0CPGS-C5700,you will be specifying:
White Shwo series LEDs at 350mA are listed below.
Color
Order Code of ELSW
Minimum
Luminous
Flux (lm)
CCT (K)
Wavelength
(nm)
Forward
Voltage
(V)
CRI
(min)
ELSW-J11C1-0CPGS-C6500
100
65K-1~65K-4
2.65~3.55
70
ELSW-J21C1-0VPGS-C6500
110
65K-1~65K-4
2.65~3.55
70
ELSW-J31C1-0VPGS-C6500
120
65K-1~65K-4
2.65~3.55
70
ELSW-J11C1-0VPHS-C6500
100
65K-1~65K-4
2.65~3.55
80
ELSW-J11C1-0CPGS-C5700
100
57K-1~57K-4
2.65~3.55
70
ELSW-J21C1-0VPGS-C5700
110
57K-1~57K-4
2.65~3.55
70
ELSW-J31C1-0VPGS-C5700
120
57K-1~57K-4
2.65~3.55
70
ELSW-J11C1-0VPHS-C5700
100
57K-1~57K-4
2.65~3.55
80
ELSW-F91C1-0CPGS-C5000
90
50K-1~50K-4
2.65~3.55
70
ELSW-J11C1-0VPGS-C5000
100
50K-1~50K-4
2.65~3.55
70
ELSW-J21C1-0CPGS-C5000
110
50K-1~50K-4
2.65~3.55
70
ELSW-J31C1-0CPGS-C5000
120
50K-1~50K-4
2.65~3.55
70
ELSW-F91C1-0CPHS-C5000
90
50K-1~50K-4
2.65~3.55
80
ELSW-F91N1-0CPGS-C4500
90
45K-1~45K-4
2.65~3.55
75
ELSW-J11N1-0VPGS-C4500
100
45K-1~45K-4
2.65~3.55
75
ELSW-F91N1-0CPGS-C4000
90
40K-1~40K-4
2.65~3.55
75
ELSW-J11N1-0VPGS-C4000
100
40K-1~40K-4
2.65~3.55
75
ELSW-F81N1-0VPHS-C4000
80
40K-1~40K-4
2.65~3.55
80
ELSW-F91N1-0CPHS-C4000
90
40K-1~40K-4
2.65~3.55
80
Color
Variant
Radiation
Pattern
CRI
CCT
Forward
Voltage
(V)
Minimum
Luminous
Flux (lm)
Cool
White
Lambertian
70
57K-1 ~ 57K-2
~
57K-3 ~ 57K-4
2.65~2.95(U4)
2.95~3.25(V1)
3.25~3.55(V2)
100
Neutral
White
4500
Neutral
White
4000
Cool
White
6500
Cool
White
5700
Cool
White
5000



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl