Part Name
         Description
ELSH-J11N1-0VPGS-C4000

 Small package with high efficiency ( 40 Page)


EVERLIGHT
100% 
Zoom Out Zoom In
 17 page
background image
DATASHEET
SMD HP Shuen
1W Series
17 Copyright © 2011, Everlight All Rights Reserved. Release Date: 11.07.2011. Issue No: DHE-0000751
www.everlight.com
Forward Voltage Bins
Group Name
Bins
A
U1+U2+U3+U4
B
U2+U3+U4+V1
C
U4+V1+V2+V3
D
V1+V2+V3+V4
J
U1+U2+U3+U4
Bin
Minimum Forward
Voltage (V)
Maximum Forward
Voltage (V)
U1
1.75
2.05
U2
2.05
2.35
U3
2.35
2.65
U4
2.65
2.95
V1
2.95
3.25
V2
3.25
3.55
V3
3.55
3.85
V4
3.85
4.15
Notes:
1.
Forward voltage measurement tolerance: ±0.1V.
2.
Forward voltage bins are defined at IF=350 mA operation.
3.
Other Forward Voltage bins for White LEDs available upon request. Please contact your local
Everlight sales office.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl