Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELSH-J11C1-0VPHS-C5700 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # ELSH-J11C1-0VPHS-C5700
Description  Small package with high efficiency
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSH-J11C1-0VPHS-C5700 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button ELSH-J11C1-0VPHS-C5700 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELSH-J11C1-0VPHS-C5700 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELSH-J11C1-0VPHS-C5700 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELSH-J11C1-0VPHS-C5700 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELSH-J11C1-0VPHS-C5700 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSH-J11C1-0VPHS-C5700 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSH-J11C1-0VPHS-C5700 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELSH-J11C1-0VPHS-C5700 Datasheet HTML 9Page - Everlight Electronics Co., Ltd ELSH-J11C1-0VPHS-C5700 Datasheet HTML 10Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
DATASHEET
SMD HP Shuen
1W Series
6
Copyright © 2011, Everlight All Rights Reserved. Release Date: 11.07.2011. Issue No: DHE-0000751
www.everlight.com
PN of the Shuen series: White LEDs
The table below is a list of part numbers for the Everlight Shuen 1W series White LED. All parts listed match
ANSI binning standards. Bin offerings of 2700K to 6500K are listed and currently available. CRI is also listed
with min 70 to 80. Typical view angle is 120°. These clearly listed binning options allow for proper design and
implementation into lighting applications. The Order Codes below are currently available White Shuen LEDs.
For Example:
If you order product using P/N
ELSH-F91C1-0LPGS-C5700, you will get:
White Shuen series LEDs at 350mA are listed below.
Color
Order Code of ELSH
Minimum
Luminous
Flux (lm)
CCT (K)
Wavelength
(nm)
Forward
Voltage
(V)
CRI
(min)
ELSH-F91C1-0LPGS-C6500
90
65K-1~65K-4
2.95~3.85
70
ELSH-F91C1-0LPGS-C5700
90
57K-1~57K-4
2.95~3.85
70
ELSH-F81C1-0LPGS-C5000
80
50K-1~50K-4
2.95~3.85
70
ELSH-F81N1-0LPGS-C4500
80
45K-1~45K-4
2.95~3.85
75
ELSH-F81N1-0LPGS-C4000
80
40K-1~40K-4
2.95~3.85
75
ELSH-F71M1-0LPGS-C3500
70
35K-1~35K-4
2.95~3.85
75
ELSH-F71M1-0LPGS-C3000
70
30K-1~30K-4
2.95~3.85
75
ELSH-F61M1-0LPGS-C2700
60
27K-1~27K-4
2.95~3.85
75
Notes:
1.
CRI measurement tolerance: ±2.
2.
Each 1W white PN is based on the min. bin, and includes two adjacent bins.
Color
Variant
Radiation
Pattern
CRI
CCT
Forward
Voltage
(V)
Minimum
Luminous
Flux (lm)
Cool
White
Lambertian
70
57K-1 ~ 57K-2
~
57K-3 ~ 57K-4
2.95~3.25(V1)
3.25~3.55(V2)
3.55~3.85(V3)
90
Cool
White
6500
Cool
White
5700
Cool
White
5000
Neutral
White
4500
Warm
White
2700
Warm
White
3500
Warm
White
3000
Neutral
White
4000


Similar Part No. - ELSH-J11C1-0VPHS-C5700

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSH-J11C1-0VPHS-C5700 EVERLIGHT-ELSH-J11C1-0VPHS-C5700 Datasheet
2Mb / 45P
   Shuen
ELSH-J11C1-0VPHS-C5700 EVERLIGHT-ELSH-J11C1-0VPHS-C5700 Datasheet
1Mb / 46P
   LM-80 Certified
More results

Similar Description - ELSH-J11C1-0VPHS-C5700

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EZHV-F61M1 EVERLIGHT-EZHV-F61M1 Datasheet
993Kb / 27P
   Small package with high efficiency
ELSH-J51CX EVERLIGHT-ELSH-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
ELSWD-J21CX EVERLIGHT-ELSWD-J21CX Datasheet
883Kb / 26P
   Small package with high efficiency
ELSW-F81CX EVERLIGHT-ELSW-F81CX Datasheet
1Mb / 39P
   Small package with high efficiency
EZHV-K21M4 EVERLIGHT-EZHV-K21M4 Datasheet
999Kb / 27P
   Small package with high efficiency
ELSW-J51CX EVERLIGHT-ELSW-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
EAIST3045A0 EVERLIGHT-EAIST3045A0 Datasheet
399Kb / 9P
   Small package with high efficiency
ELCH06-BJ4J6Z10-N0 EVERLIGHT-ELCH06-BJ4J6Z10-N0 Datasheet
393Kb / 12P
   Small & compact package and with high efficiency
EAFL2016W33A0 EVERLIGHT-EAFL2016W33A0 Datasheet
572Kb / 12P
   Small & compact package and with high efficiency
EHP-69-GT01C-P01-TR EVERLIGHT-EHP-69-GT01C-P01-TR Datasheet
438Kb / 12P
   Small & compact package and with high efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com