Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELSW-F61RX Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # ELSW-F61RX
Description  Small package with high efficiency
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSW-F61RX Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  ELSW-F61RX Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELSW-F61RX Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELSW-F61RX Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELSW-F61RX Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELSW-F61RX Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELSW-F61RX Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSW-F61RX Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSW-F61RX Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELSW-F61RX Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
1 Copyright © 2011, Everlight All Rights Reserved. Release Date: 11.07.2011. Issue No: DHE-0000751
www.everlight.com
Introduction
The Shwo series is a surface-mount high-power device
featuring high brightness combined with a compact size
that is suitable for all kinds of lighting applications such as
general illumination, flash, spot, signal, industrial and
commercial lighting. The thermal pad of this device is
electrically isolated providing convenience in thermal and electrical design. The Shwo series
is one of the most promising devices in Everlight’s high power product offering and is ready
to face the challenges of today’s Solid-State Lighting requirements.
Features
Applications
Small package with high efficiency
ESD protection up to 8KV
Soldering method: SMT
Binning Parameters: Brightness,
Forward Voltage ,Wavelength and
Chromaticity
Moisture Sensitivity Level: 1
RoHS compliant
Matches ANSI binning
Reliability testing conforms to IESNA
LM80 Lumen maintenance test method
General Lighting
Decorative and Entertainment
Lighting
Signal and Symbol Luminaries for
orientation marker lights (e.g.
steps, exit ways, etc.)
Exterior and Interior Automotive
Illumination
Agriculture Lighting
Shwo
1W Series
“Shwo [Shuo] is the English translation for the Chinese word meaning Twinkle and is
often used as a description of stars or other bright, celestial objects as seen from Earth.
This word is a relevant description for this bright, compact Everlight LED package.”


Similar Part No. - ELSW-F61RX

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSW-F61R1-0PPNM-AR5R6 EVERLIGHT-ELSW-F61R1-0PPNM-AR5R6 Datasheet
1Mb / 46P
   Shwo
More results

Similar Description - ELSW-F61RX

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSH-F81CX EVERLIGHT-ELSH-F81CX Datasheet
1Mb / 40P
   Small package with high efficiency
EZHV-F61M1 EVERLIGHT-EZHV-F61M1 Datasheet
993Kb / 27P
   Small package with high efficiency
ELSH-J51CX EVERLIGHT-ELSH-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
ELSWD-J21CX EVERLIGHT-ELSWD-J21CX Datasheet
883Kb / 26P
   Small package with high efficiency
EZHV-K21M4 EVERLIGHT-EZHV-K21M4 Datasheet
999Kb / 27P
   Small package with high efficiency
ELSW-J51CX EVERLIGHT-ELSW-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
EAIST3045A0 EVERLIGHT-EAIST3045A0 Datasheet
399Kb / 9P
   Small package with high efficiency
ELCH06-BJ4J6Z10-N0 EVERLIGHT-ELCH06-BJ4J6Z10-N0 Datasheet
393Kb / 12P
   Small & compact package and with high efficiency
EAFL2016W33A0 EVERLIGHT-EAFL2016W33A0 Datasheet
572Kb / 12P
   Small & compact package and with high efficiency
EHP-69-GT01C-P01-TR EVERLIGHT-EHP-69-GT01C-P01-TR Datasheet
438Kb / 12P
   Small & compact package and with high efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com