Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELSW-J31CX Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # ELSW-J31CX
Description  Small package with high efficiency
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSW-J31CX Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button ELSW-J31CX Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELSW-J31CX Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELSW-J31CX Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSW-J31CX Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSW-J31CX Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELSW-J31CX Datasheet HTML 9Page - Everlight Electronics Co., Ltd ELSW-J31CX Datasheet HTML 10Page - Everlight Electronics Co., Ltd ELSW-J31CX Datasheet HTML 11Page - Everlight Electronics Co., Ltd ELSW-J31CX Datasheet HTML 12Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
DATASHEET
SMD HP Shwo
1W Series
8
Copyright © 2011, Everlight All Rights Reserved. Release Date: 11.07.2011. Issue No: DHE-0001156
www.everlight.com
Color
Order Code of ELSW
Minimum
Luminous
Flux (lm)
CCT (K)
Wavelength
(nm)
Forward
Voltage
(V)
CRI
(min)
ELSW-F81M1-0CPGS-C3500
80
35K-1~35K-4
2.65~3.55
75
ELSW-F91M1-0VPGS-C3500
90
35K-1~35K-4
2.65~3.55
75
ELSW-F71M1-0CPHS-C3500
70
35K-1~35K-4
2.65~3.55
80
ELSW-F81M1-0CPGS-C3000
80
30K-1~30K-4
2.65~3.55
75
ELSW-F91M1-0VPGS-C3000
90
30K-1~30K-4
2.65~3.55
75
ELSW-F71M1-0CPHS-C3000
70
30K-1~30K-4
2.65~3.55
80
ELSW-F81M1-0VPHS-C3000
80
30K-1~30K-4
2.65~3.55
80
ELSW-F91M1-0VPHS-C3000
90
30K-1~30K-4
2.65~3.55
80
ELSW-F71M1-0CPGS-C2700
70
27K-1~27K-4
2.65~3.55
75
ELSW-F81M1-0CPGS-C2700
80
27K-1~27K-4
2.65~3.55
75
ELSW-F91M1-0VPGS-C2700
90
27K-1~27K-4
2.65~3.55
75
ELSW-F61M1-0CPHS-C2700
60
27K-1~27K-4
2.65~3.55
80
ELSW-F71M1-0CPHS-C2700
70
27K-1~27K-4
2.65~3.55
80
ELSW-F81M1-0VPHS-C2700
80
27K-1~27K-4
2.65~3.55
80
Notes:
1.
CRI measurement tolerance: ±2.
2.
Each 1W white PN is based on the min. bin, and includes two adjacent bins
Warm
White
3500
Warm
White
3000
Warm
White
2700


Similar Part No. - ELSW-J31CX

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSW-J31N3-0LPGS-D4000 EVERLIGHT-ELSW-J31N3-0LPGS-D4000 Datasheet
1Mb / 35P
   Shwo
More results

Similar Description - ELSW-J31CX

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSH-F81CX EVERLIGHT-ELSH-F81CX Datasheet
1Mb / 40P
   Small package with high efficiency
EZHV-F61M1 EVERLIGHT-EZHV-F61M1 Datasheet
993Kb / 27P
   Small package with high efficiency
ELSH-J51CX EVERLIGHT-ELSH-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
ELSWD-J21CX EVERLIGHT-ELSWD-J21CX Datasheet
883Kb / 26P
   Small package with high efficiency
EZHV-K21M4 EVERLIGHT-EZHV-K21M4 Datasheet
999Kb / 27P
   Small package with high efficiency
ELSW-J51CX EVERLIGHT-ELSW-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
EAIST3045A0 EVERLIGHT-EAIST3045A0 Datasheet
399Kb / 9P
   Small package with high efficiency
ELCH06-BJ4J6Z10-N0 EVERLIGHT-ELCH06-BJ4J6Z10-N0 Datasheet
393Kb / 12P
   Small & compact package and with high efficiency
EAFL2016W33A0 EVERLIGHT-EAFL2016W33A0 Datasheet
572Kb / 12P
   Small & compact package and with high efficiency
EHP-69-GT01C-P01-TR EVERLIGHT-EHP-69-GT01C-P01-TR Datasheet
438Kb / 12P
   Small & compact package and with high efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com