Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE300A-G Datasheet(PDF) 2 Page - Comchip Technology

Part # 1.5KE300A-G
Description  1500W Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

1.5KE300A-G Datasheet(HTML) 2 Page - Comchip Technology

  1.5KE300A-G Datasheet HTML 1Page - Comchip Technology 1.5KE300A-G Datasheet HTML 2Page - Comchip Technology 1.5KE300A-G Datasheet HTML 3Page - Comchip Technology 1.5KE300A-G Datasheet HTML 4Page - Comchip Technology 1.5KE300A-G Datasheet HTML 5Page - Comchip Technology 1.5KE300A-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RATING AND CHARACTERISTIC CURVES (1.5KE6.8-G Thru. 1.5KE600-G )
1500W Transient Voltage Suppressor
Page 2
QW-BTV07
REV:B
Fig.2- Steady State Power Derating Curve
Fig.1- Pulse Derating Curve
0
20
100
40
60
80
0
25
50
75
100
125
150
175
Ambient Temperature,
(
TA °C)
Lead Temperature,
(°C)
TL
0
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
25
75
125
175
50
100
150
200
Fig.3- Max. Non-repetitive Surge Current
Number of Cycles at 60Hz
1
0
160
10
100
40
80
120
200
8.3ms single half sine-wave
TJ = TJ max.
Fig.4- Typical Junction Capacitance
Reverse Breakdown Voltage
(V)
,VBR
10000
1000
100
10
1
10
100
1000
1
100000
Bi-directional
@zero bias
Uni-directional
@VRWM
TJ=25°C
f=1.0MHz
Bi-directional @ VRWM
Uni-directional
@zero bias
Time, (ms)
Fig.5- Pulse Waveform
0
0
25
75
125
1
2
3
4
50
100
td
Pulse width (td) is defined
as the point where the peak
current decays to 50% of IPP
Tr = 10μs
Peak value IPP
Half value = IPP/2
TJ = 25°C
10/1000μs. Waveform
as defined by R.E.A.
Pulse Width,
td (μs)
Fig.6- Peak Pulse Power Rating Curve
100
10
1
0.1
0.1
1
10
100
10000
1000


Similar Part No. - 1.5KE300A-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
1.5KE300A-G COMCHIP-1.5KE300A-G Datasheet
146Kb / 5P
   1500W Transient Voltage Suppressor
More results

Similar Description - 1.5KE300A-G

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Sirectifier Global Corp...
1N6267 SIRECT-1N6267 Datasheet
226Kb / 6P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ LEIDITECH-SMCJ Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
SMB15J LEIDITECH-SMB15J Datasheet
558Kb / 4P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8A DIODES-1.5KE6V8A_1 Datasheet
72Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
WeEn Semiconductors
SMCJ WEEN-SMCJ Datasheet
598Kb / 7P
   1500W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com