Part Name
         Description
1.5KE300A-G

 1500W Transient Voltage Suppressor ( 6 Page)


COMCHIP
100% 
Zoom Out Zoom In
   
 6 page
background image
1500W Transient Voltage Suppressor
Page 6
QW-BTV07
REV:B
Standard Packaging
Marking Code
Note: (1)Suffix code after part number to specify packaging item.
Packaging
AMMO PACK
REEL PACK
Code
NA
T
BULK PACK
B
Part Number
1.5KE
(C)A-G
XXX
1.5KEXXX(C)-G
1.5KE
(C)T-G
XXX
1.5KE
(C)B-G
XXX
1.5KE
(C)AT-G
XXX
1.5KE
(C)AB-G
XXX
(2)XXX on behalf of serial products.
Case Type
DO-201AD
1,200
REEL
( pcs )
Reel Size
(inch)
13
Case Type
DO-201AD
1,000
BOX
( pcs )
AMMO PACK
CARTON
( pcs )
10,000
Case Type
DO-201AD
200
BOX
( pcs )
BULK PACK
CARTON
( pcs )
10,000
REEL PACK



Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl