Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELSH-F81YX Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # ELSH-F81YX
Description  Small package with high efficiency
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSH-F81YX Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button ELSH-F81YX Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELSH-F81YX Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSH-F81YX Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSH-F81YX Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELSH-F81YX Datasheet HTML 9Page - Everlight Electronics Co., Ltd ELSH-F81YX Datasheet HTML 10Page - Everlight Electronics Co., Ltd ELSH-F81YX Datasheet HTML 11Page - Everlight Electronics Co., Ltd ELSH-F81YX Datasheet HTML 12Page - Everlight Electronics Co., Ltd ELSH-F81YX Datasheet HTML 13Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
DATASHEET
SMD HP Shuen
3W Series
9
Copyright © 2011, Everlight All Rights Reserved. Release Date: 11.07.2011. Issue No: DHE-0001163
www.everlight.com
PN of the Shuen series: Color LEDs
The table below is a list of part numbers for the Everlight Shuen series Color LED. Standard Everlight color
bins are listed according to wavelength and represent the standard primary colors of the spectrum. Typical
view angle is 120°. These clearly listed binning options allow for proper design and implementation into
lighting applications.
For Example: If you order product using P/N
ELSH-F81R3-0LPNM-BR4R6, you will get
Color, Shuen series LEDs at 700mA are listed below.
Color
Order Code of ELSH
Minimum
Luminous
Flux (lm)
Dominant
Wavelength
(nm)
Forward
Voltage(V)
ELSH-F81R3-0LPNM-BR4R6
80
615~630
2.05~3.25
ELSH-F91R3-0LPNM-BR4R6
90
615~630
2.05~3.25
ELSH-F81Y3-0LPNM-BA3A5
80
585~592.5
2.05~3.25
ELSH-F91Y3-0LPNM-BA3A5
90
585~592.5
2.05~3.25
*ELSH-F91G3-0LPNM-DG1G3
90
520~535
3.25~4.15
*ELSH-J11G3-0LPNM-DG1G3
100
520~535
3.25~4.15
*ELSH-E81B3-0LPNM-DB6B8
20
455~470
3.25~4.15
*ELSH-E91B3-0LPNM-DB6B8
23
455~470
3.25~4.15
*Product lead time of at least 8 weeks.
Note:
1. Each 3W direct color PN is based on the min. bin and includes four adjacent bins.
Color
Variant
Radiation
Pattern
Dominant
Wavelength
(nm)
Forward
Voltage
(V)
Minimum
Luminous Flux
(lm)
Red
Lambertian
615~620(R4)
620~625(R5)
625~630(R6)
2.05~2.35(U2)
2.35~2.65(U3)
2.65~2.95(U4)
2.95~3.25(V1)
80
Red
Amber
Green
Blue


Similar Part No. - ELSH-F81YX

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSH-F81Y3-0LPNM-BA3A5 EVERLIGHT-ELSH-F81Y3-0LPNM-BA3A5 Datasheet
1Mb / 36P
   Shuen
More results

Similar Description - ELSH-F81YX

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSH-F81CX EVERLIGHT-ELSH-F81CX Datasheet
1Mb / 40P
   Small package with high efficiency
EZHV-F61M1 EVERLIGHT-EZHV-F61M1 Datasheet
993Kb / 27P
   Small package with high efficiency
ELSWD-J21CX EVERLIGHT-ELSWD-J21CX Datasheet
883Kb / 26P
   Small package with high efficiency
ELSW-F81CX EVERLIGHT-ELSW-F81CX Datasheet
1Mb / 39P
   Small package with high efficiency
EZHV-K21M4 EVERLIGHT-EZHV-K21M4 Datasheet
999Kb / 27P
   Small package with high efficiency
ELSW-J51CX EVERLIGHT-ELSW-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
EAIST3045A0 EVERLIGHT-EAIST3045A0 Datasheet
399Kb / 9P
   Small package with high efficiency
ELCH06-BJ4J6Z10-N0 EVERLIGHT-ELCH06-BJ4J6Z10-N0 Datasheet
393Kb / 12P
   Small & compact package and with high efficiency
EAFL2016W33A0 EVERLIGHT-EAFL2016W33A0 Datasheet
572Kb / 12P
   Small & compact package and with high efficiency
EHP-69-GT01C-P01-TR EVERLIGHT-EHP-69-GT01C-P01-TR Datasheet
438Kb / 12P
   Small & compact package and with high efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com