Part Name
         Description
ELSH-J71CX

 Small package with high efficiency ( 36 Page)


EVERLIGHT
100% 
Zoom Out Zoom In
 12 page
background image
DATASHEET
SMD HP Shuen
3W Series
12 Copyright © 2011, Everlight All Rights Reserved. Release Date: 11.07.2011. Issue No: DHE-0001163
www.everlight.com
Cool-White Bin Coordinates
5000K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
50K-1
0.346
0.369
50K-2
0.338
0.362
0.345
0.356
0.337
0.349
0.353
0.362
0.345
0.356
0.355
0.376
0.346
0.369
Reference Range: 4745~5000K
Reference Range: 5000~5310K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
50K-4
0.345
0.356
50K-3
0.337
0.349
0.344
0.343
0.337
0.337
0.352
0.349
0.344
0.343
0.353
0.362
0.345
0.356
Reference Range: 4745~5000K
Reference Range: 5000~5310K
5700K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
57K-1
0.329
0.354
57K-2
0.321
0.346
0.329
0.342
0.321
0.335
0.337
0.349
0.329
0.342
0.338
0.362
0.329
0.354
Reference Range: 5310~5700K
Reference Range: 5700~6020K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
57K-4
0.329
0.342
57K-3
0.321
0.335
0.329
0.331
0.322
0.324
0.337
0.337
0.329
0.331
0.337
0.349
0.329
0.342
Reference Range: 5310~5700K
Reference Range: 5700~6020K
6500K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
65K-1
0.312
0.339
65K-2
0.303
0.330
0.313
0.329
0.305
0.321
0.321
0.337
0.313
0.329
0.321
0.348
0.312
0.339
Reference Range: 6020~6500K
Reference Range: 6500~7050K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
65K-4
0.313
0.329
65K-3
0.305
0.321
0.315
0.319
0.307
0.311
0.322
0.326
0.315
0.319
0.321
0.337
0.313
0.329
Reference Range: 6020~6500K
Reference Range: 6500~7050K



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl