Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC847CW-G Datasheet(PDF) 2 Page - Comchip Technology

Part # BC847CW-G
Description  Small Signal Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BC847CW-G Datasheet(HTML) 2 Page - Comchip Technology

  BC847CW-G Datasheet HTML 1Page - Comchip Technology BC847CW-G Datasheet HTML 2Page - Comchip Technology BC847CW-G Datasheet HTML 3Page - Comchip Technology BC847CW-G Datasheet HTML 4Page - Comchip Technology BC847CW-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics
O
(BC846AW-G Thru. BC848CW-G, @TA= 25 C unless otherwise specified)
Comchip Technology CO., LTD.
Page 2
REV:A
Small Signal Transistor
QW-BTR35
BC846W-G
Collector-Base Breakdown Voltage
BC848W-G
BC846W-G
Collector-Emitter Breakdown Voltage
BC848W-G
Emitter-Base Break Voltage
BC846W-G, BC847W-G
BC848W-G
Collector Cutoff Current
Collector-Emitter Saturation Voltage
Units
Symbol
Parameter
MIN
VCBO
VCEO
VEBO
ICBO
VCE(sat)
Cob
80
50
30
65
45
30
6
5
15
4.5
V
V
V
nA
V
Test Conditions
IC =10μA , IE=0
IC =10mA , IB=0
IE =10μA , IC=0
VCB=30V
TYP
MAX
BC846AW,847AW,848AW
DC Current Gain
hFE
VCE =5V , IC=10μA
BC846BW,847BW,848BW
BC847CW,848CW
90
150
270
BC846AW,847AW,848AW
BC846BW,847BW,848BW
BC847CW,848CW
VCE =5V , IC=2mA
110
200
420
220
450
800
IC =10mA , IB=0.5mA
IC =100mA , IB=0.5mA
0.25
0.60
Base-Emitter Saturation Voltage
VBE(sat)
V
IC =10mA , IB=0.5mA
IC =100mA , IB=5mA
0.7
0.9
Base-Emitter Voltage
VBE(on)
mV
VCE =5V , IC=2mA
VCE =5V , IC=10mA
580
660
700
770
Transition Frequency
fT
MHZ
100
VCE=5V , IC=10mA
f=100MHZ
Collector Output Capacitance
VCB =10V , f=1MHZ
pF
BC847W-G
BC846W-G
Noise Figure
NF
VCE =5V , IC=0.2mA
BC846AW,847AW,848AW
BC846BW,847BW,848BW
BC847CW,848CW
10
4
dB
f =1KHZ , RS=2KΩ
BW=200Hz


Similar Part No. - BC847CW-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
BC847CW-G COMCHIP-BC847CW-G Datasheet
129Kb / 6P
   Small Signal Transistor
More results

Similar Description - BC847CW-G

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD446010 SENSITRON-SHD446010 Datasheet
37Kb / 2P
   SMALL SIGNAL TRANSISTOR
SHD444104 SENSITRON-SHD444104 Datasheet
155Kb / 2P
   SMALL SIGNAL TRANSISTOR
logo
Isahaya Electronics Cor...
ISA1989AU1 ISAHAYA-ISA1989AU1 Datasheet
139Kb / 3P
   SMALL-SIGNAL TRANSISTOR
ISA1530AC1 ISAHAYA-ISA1530AC1 Datasheet
115Kb / 3P
   SMALL-SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
2SC5214 KEXIN-2SC5214 Datasheet
51Kb / 1P
   Small Signal Transistor
logo
Isahaya Electronics Cor...
2SC4258 ISAHAYA-2SC4258 Datasheet
316Kb / 6P
   SMALL-SIGNAL TRANSISTOR
2SC3581 ISAHAYA-2SC3581 Datasheet
121Kb / 3P
   SMALL-SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
FMMT5089 KEXIN-FMMT5089 Datasheet
35Kb / 1P
   Small Signal Transistor
logo
Isahaya Electronics Cor...
2SC5974A ISAHAYA-2SC5974A Datasheet
78Kb / 4P
   SMALL-SIGNAL TRANSISTOR
2SC5974B ISAHAYA-2SC5974B Datasheet
78Kb / 4P
   SMALL-SIGNAL TRANSISTOR
RT1N137P ISAHAYA-RT1N137P Datasheet
146Kb / 3P
   SMALL-SIGNAL TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com