Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67060-S6700-A2 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # Q67060-S6700-A2
Description  Smart Lowside Power Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67060-S6700-A2 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button Q67060-S6700-A2 Datasheet HTML 2Page - Siemens Semiconductor Group Q67060-S6700-A2 Datasheet HTML 3Page - Siemens Semiconductor Group Q67060-S6700-A2 Datasheet HTML 4Page - Siemens Semiconductor Group Q67060-S6700-A2 Datasheet HTML 5Page - Siemens Semiconductor Group Q67060-S6700-A2 Datasheet HTML 6Page - Siemens Semiconductor Group Q67060-S6700-A2 Datasheet HTML 7Page - Siemens Semiconductor Group Q67060-S6700-A2 Datasheet HTML 8Page - Siemens Semiconductor Group Q67060-S6700-A2 Datasheet HTML 9Page - Siemens Semiconductor Group Q67060-S6700-A2 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
14.07.1998
Semiconductor Group
Page 6
BTS 917
On-state resistance
RON = f(Tj); ID=3.5A; VIN=10V
-50
-25
0
25
50
75
100
°C
150
Tj
0
25
50
75
100
125
150
200
RDS(on)
typ.
max.
Maximum allowable power dissipation
Ptot = f(Tc)
0
20
40
60
80
100
120 °C
150
150
0
5
10
15
20
25
30
35
40
W
50
BTS 917
Ptot
On-state resistance
RON = f(Tj); ID= 3.5A; VIN=5V
-50
-25
0
25
50
75
100
°C
150
Tj
0
25
50
75
100
125
150
175
200
250
RDS(on)
typ.
max.
Typ. input threshold voltage
VIN(th) = f(Tj); ID=0,7A; VDS=12V
-50
-25
0
25
50
75
100
°C
150
Tj
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
V
2.0
VIN(th)


Similar Part No. - Q67060-S6700-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67060-S6703-A2 SIEMENS-Q67060-S6703-A2 Datasheet
193Kb / 11P
   Smart Lowside Power Switch
Q67060-S6703-A4 SIEMENS-Q67060-S6703-A4 Datasheet
193Kb / 11P
   Smart Lowside Power Switch
More results

Similar Description - Q67060-S6700-A2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS118D INFINEON-BTS118D Datasheet
336Kb / 10P
   Smart Lowside Power Switch
2004-03-05
logo
Siemens Semiconductor G...
OBTS141 SIEMENS-OBTS141 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS941 INFINEON-BTS941 Datasheet
182Kb / 11P
   Smart Lowside Power Switch
02.12.1998
BTS3134N INFINEON-BTS3134N Datasheet
208Kb / 10P
   Smart Lowside Power Switch
2002-09-04
logo
Siemens Semiconductor G...
OBTS949 SIEMENS-OBTS949 Datasheet
193Kb / 11P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS149 INFINEON-BTS149 Datasheet
309Kb / 10P
   Smart Lowside Power Switch
2004-02-02
BTS142D INFINEON-BTS142D Datasheet
359Kb / 10P
   Smart Lowside Power Switch
2004-03-05
BSP76 INFINEON-BSP76 Datasheet
276Kb / 10P
   Smart Lowside Power Switch
Rev. 1.3, 2008-04-14
logo
Siemens Semiconductor G...
OBTS149 SIEMENS-OBTS149 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS134D INFINEON-BTS134D Datasheet
359Kb / 10P
   Smart Lowside Power Switch
2004-03-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com