Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B4S-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # B4S-HF
Description  SMD General Purpose Bridge Rectifier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

B4S-HF Datasheet(HTML) 2 Page - Comchip Technology

  B4S-HF Datasheet HTML 1Page - Comchip Technology B4S-HF Datasheet HTML 2Page - Comchip Technology B4S-HF Datasheet HTML 3Page - Comchip Technology B4S-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD General Purpose Bridge Rectifier Diode
RATING AND CHARACTERISTIC CURVES (B05S-HF Thru. B10S-HF)
Ambient temperature, (°C)
160
140
120
100
80
60
40
20
Fig.1-Forward Current Derating Curve
0.1
0.2
0.4
0.6
0.8
1.0
Mounted on PC board,
single phase half wave 60Hz
resistive or inductive load
Number of Cycles at 60Hz
1
Fig.2-Maximum Non-Repetitive
Surge Current
0
10
20
30
40
10
100
Pulse width 8.3mS,
single half-sine wave
(JEDEC Method)
Percent of Rated Peak Reverse Voltage, (%)
0
Fig.3-Typical Reverse Characteristics
0.01
0.1
1.0
10
100
20
40
60
80
100
120
140
O
TJ=25 C
O
TJ=125 C
Instantaneous Forward Voltage, (V)
0
Fig.4-Typical Forward Characteristics
0.01
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.1
1.0
10
Reverse Voltage, (V)
1
Fig.5-Typical Junction Capacitance
1.0
O
TJ=25 C
Pulse Width=300μS
O
TJ=25 C
f=1MHz
10
100
10
100
SMD Diodes Specialist
COMCHIP
Comchip Technology CO., LTD.
QW-JBR03
Page 2
REV:A


Similar Part No. - B4S-HF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
B4S-E3 VISHAY-B4S-E3 Datasheet
93Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
Revision: 19-Aug-13
logo
Comchip Technology
B4S-G COMCHIP-B4S-G Datasheet
50Kb / 2P
   Silicon General Purpose Bridge Rectifier
B4S-G COMCHIP-B4S-G Datasheet
102Kb / 4P
   SMD General Purpose Bridge Rectifier Diode
logo
Won-Top Electronics
B4S-T3 WTE-B4S-T3 Datasheet
57Kb / 3P
   0.5A MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
B4S-T3 WTE-B4S-T3 Datasheet
59Kb / 4P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - B4S-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
B05S-G COMCHIP-B05S-G_12 Datasheet
102Kb / 4P
   SMD General Purpose Bridge Rectifier Diode
DF15005S-G COMCHIP-DF15005S-G Datasheet
51Kb / 2P
   SMD General Purpose Bridge Rectifier
CGRM4001-G COMCHIP-CGRM4001-G Datasheet
78Kb / 2P
   SMD General Purpose Rectifier
B05S-G COMCHIP-B05S-G Datasheet
50Kb / 2P
   Silicon General Purpose Bridge Rectifier
B05SGS COMCHIP-B05SGS Datasheet
79Kb / 2P
   SMD Genenal Purpose Bridge Rectifier
B05S COMCHIP-B05S Datasheet
70Kb / 2P
   SMD Genenal Purpose Bridge Rectifier
DF005S COMCHIP-DF005S Datasheet
52Kb / 2P
   SMD Genenal Purpose Bridge Rectifier
DF15005S COMCHIP-DF15005S Datasheet
52Kb / 2P
   SMD Genenal Purpose Bridge Rectifier
logo
Rohm
1N4004A ROHM-1N4004A Datasheet
90Kb / 2P
   General purpose rectifier diode
logo
Formosa MS
LBS05-QH FORMOSA-LBS05-QH Datasheet
122Kb / 7P
   Chip General Purpose Mini Bridge Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com