Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM3084 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # ELM3084
Description  4 PIN SOP ZERO CROSS TRIAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELM3084 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  ELM3084 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELM3084 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELM3084 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELM3084 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELM3084 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELM3084 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELM3084 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELM3084 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELM3084 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2010-12-20 20:59:54.0
4 PIN SOP ZERO CROSS TRIAC
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
3
http:\\www.everlight.com
Document No:DPC-0000080
Rev. 1
November 25, 2010
ELM304X Series
ELM306X Series
ELM308X Series
Electrical Characteristics (Ta=25°C unless specified otherwise)
Input
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Forward voltage
VF
-
-
1.5
V
IF = 30mA
Reverse Leakage current
IR
-
-
10
µA
VR = 6V
Output
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Peak Blocking Current
IDRM1
-
-
100
nA
VDRM = Rated VDRM
IF = 0mA
Peak On-state Voltage
VTM
-
-
3
V
ITM=100mA peak
Critical Rate of Rise
off-state Voltage
dv/dt
1000
-
-
V/µs
Inhibit Voltage (MT1-MT2
voltage above which device
will not trigger)
VINH
-
-
20
V
IF= Rated IFT
Leakage in lnhibited State
IDRM2
-
-
1000
µA
IF= Rated IFT,
VDRM=Rated VDRM, off state
Transfer Characteristics
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
3042
3062
3082
-
-
10
3043
3063
3083
-
-
5
LED Trigger
Current
3044
3064
3084
IFT
-
-
3
mA
Main terminal Voltage=3V
Holding Current
IH
-
280
-
µA
* Typical values at Ta = 25°C


Similar Part No. - ELM3084

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELM308X EVERLIGHT-ELM308X Datasheet
1Mb / 12P
   4 PIN SOP ZERO-CROSS TRIAC PHOTOCOUPLER
ELM308X EVERLIGHT-ELM308X Datasheet
903Kb / 12P
   4 PIN SOP ZERO-CROSS TRIAC PHOTOCOUPLER
More results

Similar Description - ELM3084

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELM304X EVERLIGHT-ELM304X_16 Datasheet
1Mb / 12P
   4 PIN SOP ZERO-CROSS TRIAC PHOTOCOUPLER
ELM304X EVERLIGHT-ELM304X_13 Datasheet
903Kb / 12P
   4 PIN SOP ZERO-CROSS TRIAC PHOTOCOUPLER
ELT304X EVERLIGHT-ELT304X Datasheet
788Kb / 14P
   4 PIN DIP ZERO CROSS TRIAC DRIVER
ELT304X EVERLIGHT-ELT304X_14 Datasheet
863Kb / 14P
   4 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
logo
Fairchild Semiconductor
FOD410 FAIRCHILD-FOD410 Datasheet
292Kb / 12P
   6-Pin DIP Zero-Cross Triac Drivers
logo
Everlight Electronics C...
EL303X EVERLIGHT-EL303X Datasheet
1Mb / 13P
   5 PIN DIP ZERO CROSS TRIAC DRIVER
EL303X EVERLIGHT-EL303X_17 Datasheet
945Kb / 14P
   5 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X Datasheet
340Kb / 13P
   6 PIN DIP ZERO CROSS TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X_15 Datasheet
631Kb / 13P
   6 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
logo
Motorola, Inc
MOCZ500 MOTOROLA-MOCZ500 Datasheet
222Kb / 8P
   OPTOISOLATOR ZERO CROSS TRIAC OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com