Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM3082 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # ELM3082
Description  4 PIN SOP ZERO CROSS TRIAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELM3082 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  ELM3082 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELM3082 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELM3082 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELM3082 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELM3082 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELM3082 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELM3082 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELM3082 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELM3082 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2010-12-20 20:59:54.0
4 PIN SOP ZERO CROSS TRIAC
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
1
http:\\www.everlight.com
Document No:DPC-0000080
Rev. 1
November 25, 2010
ELM304X Series
ELM306X Series
ELM308X Series
Features:
• ELM304X VDRM of 400V, ELM306X VDRM of 600V and
ELM308X VDRM of 800V
• High isolation voltage between input
and output
(Viso=3750 V rms )
• Zero voltage crossing
• Pb free and RoHS compliant.
• UL approved (No. E214129)
• VDE approved (No.40028116)
• SEMKO approved
• NEMKO approved
• DEMKO approved
• FIMKO approved
Description
The ELM304X, ELM306X and ELM308X devices consist of a
GaAs infrared emitting diode optically coupled to a monolithic
silicon detector performing the function of a zero voltage
crossing bilateral triac driver.
They are designed for use with a discrete power triac in the
interface of logic systems to equipment powered from 110 to
240 VAC lines,
such as solid-state relays, industrial controls, motors,
solenoids and consumer appliances, etc.
Applications
 Solenoid/valve controls
 Light controls
 Static power switch
 AC motor drivers
 E.M. contactors
 Temperature controls
 AC Motor starters
 Solid state relays
Schematic
Pin Configuration
1. Anode
2. Cathode
3. Terminal
4. Terminal


Similar Part No. - ELM3082

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELM308X EVERLIGHT-ELM308X Datasheet
1Mb / 12P
   4 PIN SOP ZERO-CROSS TRIAC PHOTOCOUPLER
ELM308X EVERLIGHT-ELM308X Datasheet
903Kb / 12P
   4 PIN SOP ZERO-CROSS TRIAC PHOTOCOUPLER
More results

Similar Description - ELM3082

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELM304X EVERLIGHT-ELM304X_16 Datasheet
1Mb / 12P
   4 PIN SOP ZERO-CROSS TRIAC PHOTOCOUPLER
ELM304X EVERLIGHT-ELM304X_13 Datasheet
903Kb / 12P
   4 PIN SOP ZERO-CROSS TRIAC PHOTOCOUPLER
ELT304X EVERLIGHT-ELT304X Datasheet
788Kb / 14P
   4 PIN DIP ZERO CROSS TRIAC DRIVER
ELT304X EVERLIGHT-ELT304X_14 Datasheet
863Kb / 14P
   4 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
logo
Fairchild Semiconductor
FOD410 FAIRCHILD-FOD410 Datasheet
292Kb / 12P
   6-Pin DIP Zero-Cross Triac Drivers
logo
Everlight Electronics C...
EL303X EVERLIGHT-EL303X Datasheet
1Mb / 13P
   5 PIN DIP ZERO CROSS TRIAC DRIVER
EL303X EVERLIGHT-EL303X_17 Datasheet
945Kb / 14P
   5 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X Datasheet
340Kb / 13P
   6 PIN DIP ZERO CROSS TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X_15 Datasheet
631Kb / 13P
   6 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
logo
Motorola, Inc
MOCZ500 MOTOROLA-MOCZ500 Datasheet
222Kb / 8P
   OPTOISOLATOR ZERO CROSS TRIAC OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com